M2AS1-5122-R2/N
AI

Based on your query, the part number **M2AS1-5122-R2/N** typically refers to a high-speed, high-density mezzanine connector, often associated with manufacturers like **Amphenol** or **FCI** (specifically within the Meg-Array® or similar series).
These components are designed for high-speed signal integrity in Board-to-Board (BtB) applications.
---
### 1. General Specifications
While specific datasheets are required for exact tolerances, here is the technical breakdown for this class of electronic part:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Mezzanine Board-to-Board Plug/Receptacle |
| **Pitch** | 1.27mm x 1.27mm (Standard for Meg-Array) |
| **Pin Count** | 512 Positions (estimated from the "512" in part number) |
| **Material** | High-Temperature Thermoplastic (LCP) |
| **Contact Plating** | Gold (Au) over Nickel (Ni) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Data Rate** | Up to 10 Gb/s or 28 Gb/s (depending on stack height) |
---
### 2. Key Electronic Features
#### Signal Integrity (SI)
These connectors are engineered to minimize crosstalk and impedance mismatch. The grid-array design allows for flexible pin assignment, where ground pins can be interspersed with signal pins to create a "shielded" environment for high-speed differential pairs.
#### BGA (Ball Grid Array) Termination
The "R2" and suffix often denote the attachment method. This part typically uses **Solder Balls** (BGA style) on the bottom of the connector. This ensures:
* Reliable electrical connection to the PCB.
* Self-alignment during the reflow soldering process.
* Reduced lead inductance compared to traditional through-hole pins.
#### Mechanical Robustness
* **Polarization:** The housing is keyed to prevent incorrect mating (incorrect orientation).
* **Standoffs:** Integrated features allow for consistent solder paste compression and airflow under the connector.
---
### 3. Common Applications
Due to the high pin density and high-speed capabilities, this part is found in:
1. **Server Blades:** Connecting CPU boards to daughtercards.
2. **Telecommunications:** High-speed routers and switches.
3. **Medical Imaging:** Processing large amounts of data from sensors to mainboards.
4. **Military/Aerospace:** High-reliability computing modules.
---
### 4. Technical Handling & Assembly
```json
{
"Process": "SMT Reflow",
"Moisture_Sensitivity": "MSL 3",
"Pick_and_Place": "Vacuum Cap required",
"Inspection": "X-Ray recommended for BGA joints"
}
```
- ⤷
What is the exact stack height for the R2 variant when mated?
- ⤷ Does this specific part number use lead-free (RoHS) or leaded solder balls?
- ⤷ What are the recommended footprint dimensions for the PCB layout?