Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5131-R2/CE

  • AI
    The **M2AS1-5131-R2/CE** is a specialized electronic component, typically categorized as a **High-Performance Solid State Relay (SSR)** or a **Power Switching Module**, often utilized in industrial automation, telecommunications, or server power management. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Technical Specifications This component is designed for high-density power switching. The following table highlights the core electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Type** | DC Control | Typically operates on a 3V to 32V DC logic signal. | | **Output Type** | AC/DC Load | Handles high-current switching for industrial loads. | | **Isolation Voltage** | 2500V - 4000V | Opto-isolation to protect the control circuit. | | **Max Current** | 10A - 50A (Variant dependent) | Rated capacity for continuous operation. | | **Mounting Style** | Panel / Chassis | Designed for heat dissipation through a metal base. | --- ### 2. Internal Electronic Structure The internal circuitry of this part consists of four main functional blocks: #### A. Input Circuit (Control Side) * **Optocoupler:** Provides galvanic isolation between the low-power control signal (Microcontroller/PLC) and the high-power load. * **Current Limiting Resistor:** Protects the internal LED of the optocoupler from overcurrent. #### B. Trigger Circuit * **Zero-Crossing Detector:** Ensures the device switches "ON" only when the AC voltage is at 0V. This reduces Electro-Magnetic Interference (EMI) and minimizes electrical noise. * **Snubber Circuit:** A combination of a resistor and capacitor (RC) used to suppress voltage spikes (dv/dt) that occur during switching. #### C. Output Switching Element * **Thyristors / TRIACs:** High-power semiconductors that act as the physical "switch." * **Heat Sink Base:** An aluminum or copper plate integrated into the bottom to dissipate thermal energy generated during high-current flow. --- ### 3. Compliance and Standards The suffix `/CE` indicates specific regulatory compliance: * **CE Marking:** Conforms to European health, safety, and environmental protection standards. * **RoHS:** Lead-free construction. * **UL/CSA:** (Usually included) North American safety certifications for industrial equipment. --- ### 4. Key Application Use-Cases * **Heating Control:** PID temperature control for industrial ovens. * **Motor Control:** Soft-starting or cycling small AC/DC motors. * **Lighting Systems:** Large-scale commercial LED or HID switching. * **Data Centers:** Power distribution units (PDUs) for server racks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal resistance for this module?
    • ⤷ Can this component be used for PWM high-frequency switching?
    • ⤷ Does this model support 3-phase power configurations?