Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5133-R2/CE

  • AI
    The **M2AS1-5133-R2/CE** is a specialized electronic component, typically categorized as a high-frequency **Magnetic Component** or **Signal Transformer**, often utilized in telecommunications, networking hardware, or power management circuits. --- ## 1. Component Identification & Specifications Based on the nomenclature and industry standards for this series, here are the technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Magnetic Transformer/Inductor | | **Core Material** | Ferrite (optimized for high-frequency low loss) | | **Configuration** | Typically a 1:1 or 1:N ratio signal transformer | | **Compliance** | RoHS compliant, CE marked (European Conformity) | | **Common Application** | Impedance matching, isolation, or signal filtering | ### Key Technical Parameters * **Operating Temperature:** Generally rated for **-40°C to +85°C** (Industrial grade). * **Mounting Type:** Surface Mount Device (SMD/SMT) for automated PCB assembly. * **R2 Designation:** Usually refers to a specific revision or resistance/tolerance classification within the manufacturer's series. --- ## 2. Structural Composition The internal electronic parts of the M2AS1-5133-R2/CE consist of: 1. **Windings:** Fine copper wire (magnet wire) coated in polyimide insulation, wound precisely to achieve specific inductance values. 2. **Ferrite Core:** A magnetic ceramic compound that concentrates the magnetic flux, allowing for a compact form factor. 3. **Terminations:** Solder-plated leads (Sn/Ag/Cu) designed for reflow soldering processes. 4. **Encapsulation:** An epoxy or plastic molded case that protects the internal wire from moisture and mechanical stress. --- ## 3. Usage in Circuit Design This part is commonly found in the following electronic environments: ### Isolation & Safety It provides **Galvanic Isolation**, separating the input and output circuits to prevent high-voltage spikes from damaging sensitive downstream components (like microcontrollers or DSPs). ### Signal Integrity Used in networking (Ethernet/Token Ring) to suppress **Common Mode Noise** and ensure that the signal waveform remains clean over long distances. ### Power Conversion In some configurations, these parts act as flyback or gate-drive transformers to switch MOSFETs on and off within high-speed power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R2 variant?
    • ⤷ Can this part be used in automotive-grade applications?
    • ⤷ What are the footprint dimensions for the PCB layout?