M2AS1-5142-R
AI

The **M2AS1-5142-R** is a specific part number typically associated with high-performance electronic interconnect solutions, specifically **M.2 (NGFF) connectors**. These are commonly used in modern computing to interface SSDs, Wi-Fi cards, and cellular modules.
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the M2AS1-5142-R series:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Number of Positions** | 67-Pin |
| **Keying** | Typically "M" Key (for PCIe x4/SATA SSDs) |
| **Pitch** | 0.50 mm |
| **Stacking Height** | ~4.2mm (Common variant) |
| **Contact Plating** | Gold (Flash or selective) |
---
### 2. Key Electronic Components & Materials
The construction of this part involves several critical materials to ensure signal integrity and durability:
* **Housing:** High-temperature Thermoplastic (UL 94V-0 rated) to withstand reflow soldering temperatures.
* **Contacts:** Copper Alloy. This provides high conductivity and flexibility for the spring-loaded pins.
* **Plating:**
* *Contact Area:* Gold plating to prevent oxidation and ensure low contact resistance over multiple mating cycles.
* *Solder Tail:* Tin or Lead-free plating for optimal solderability to the PCB.
* **Solder Pegs/Tabs:** Used for mechanical stability on the PCB to prevent the connector from lifting during the insertion of an M.2 card.
---
### 3. Functional Applications
The M2AS1-5142-R is engineered for high-speed data transmission. Its electronic design supports:
1. **PCI Express (PCIe):** Supports Gen 3 and Gen 4 speeds, allowing for rapid data transfer between the storage device and the CPU.
2. **SATA 3.0:** Compatible with legacy SATA-based M.2 drives.
3. **USB 3.0 / DisplayPort:** Depending on the system routing, it can facilitate various high-speed I/O protocols.
### 4. Typical Footprint Layout
When designing a PCB for this part, engineers must account for the 0.5mm pitch. The "R" in the suffix often denotes **RoHS compliance** and specific **Reel packaging** for automated pick-and-place assembly.
---
- ⤷What are the specific soldering temperature requirements for the M2AS1-5142-R?
- ⤷ How does the 'M' keying differ electrically from 'B' or 'E' keys in M.2 connectors?
- ⤷ Is this specific part number compatible with NVMe Gen 4 SSDs?