M2AS1-5142-R2/N
AI

The **M2AS1-5142-R2/N** is a specific electronic component typically identified as an **M.2 (NGFF) Connector**. These connectors are widely used in modern computing to interface SSDs (Solid State Drives), Wi-Fi cards, and Bluetooth modules with motherboards or embedded systems.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Pitch** | 0.50 mm |
| **Number of Pins** | 67 Pins |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Keying** | Usually "M" or "B" Key (Check specific datasheet for this revision) |
| **Height** | 4.2mm (Commonly denoted by the '42' in the suffix) |
| **Housing Material** | High-Temperature Thermoplastic (UL94V-0) |
---
### 2. Physical Design & Composition
The part is engineered for high-density environments where vertical space is limited.
* **Contacts:** Usually made of Copper Alloy with Gold plating over Nickel. Gold is used to ensure high conductivity and prevent oxidation over long periods.
* **Solder Tabs:** Features metal "ears" or solder tabs on the sides to provide mechanical strain relief, ensuring the connector doesn't lift off the PCB during the insertion/removal of the M.2 card.
* **Orientation:** This is a **horizontal (right-angle)** connector, meaning the M.2 card sits parallel to the PCB once inserted.
---
### 3. Electrical Performance
Designed to handle high-speed data protocols including PCIe Gen 3/4, SATA 3.0, and USB 3.0.
* **Current Rating:** Typically 0.5A per pin.
* **Voltage Rating:** 50V AC/DC.
* **Insulation Resistance:** 500MΩ minimum.
* **Operating Temperature:** -40°C to +85°C.
---
### 4. Application Use Cases
This component is found in various hardware categories:
1. **Laptops/Ultrabooks:** Interfacing NVMe SSDs to the mainboard.
2. **Industrial PCs:** Providing modular expansion for storage or wireless communication.
3. **IoT Gateways:** Used for pluggable WAN modules (LTE/5G).
4. **Single Board Computers (SBCs):** Adding high-speed storage capabilities to ARM or x86 boards.
---
- ⤷
What is the difference between M-key and B-key for this connector?
- ⤷ How does the 4.2mm height affect the choice of standoffs for the PCB?
- ⤷ What are the recommended soldering profiles for SMT M.2 connectors?