Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5142-R2/Q

  • AI
    The **M2AS1-5142-R2/Q** is a high-performance, automotive-grade Ethernet magnetic module (discrete transformer) manufactured by **Pulse Electronics**. It is specifically designed to provide galvanic isolation and noise filtering for Ethernet communication interfaces in vehicles. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and mechanical characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Port Configuration** | Single Port (1x1) | | **Ethernet Speed** | 1000Base-T (Gigabit Ethernet) | | **Turns Ratio** | 1:1 (Transmitter & Receiver) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Isolation Voltage** | 1500 Vrms | | **Inductance (OCL)** | 350 µH Min @ 100kHz, 0.1V | | **Qualification** | AEC-Q200 Qualified | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Electronic Sections This part is more than just a transformer; it contains several internal components integrated into a single package: #### A. Isolation Transformer The core component provides **Galvanic Isolation**. This protects the sensitive Ethernet PHY (Physical Layer) chip from high-voltage transients on the network cable and prevents ground loops between different electronic control units (ECUs) in the car. #### B. Common Mode Choke (CMC) The "R2/Q" variants typically feature integrated common-mode chokes. These are inductors designed to suppress electromagnetic interference (EMI). They allow the differential data signals to pass while blocking high-frequency noise that could radiate from the cable or be picked up from the vehicle's engine environment. #### C. Termination Network Internally, these modules often include resistors and capacitors (Bob Smith Termination) to match the impedance of the twisted-pair cable (usually 100 ohms), reducing signal reflections and improving signal integrity. --- ### 3. Application Context In an automotive system, the M2AS1-5142-R2/Q is placed between the **Ethernet PHY** and the **RJ45/Automotive Connector**. 1. **ADAS (Advanced Driver Assistance Systems):** Used to transmit high-definition camera data to the central processing unit. 2. **Infotainment:** Connecting head units to displays and amplifiers. 3. **Gateways:** Serving as the backbone for communication between different vehicle domains. --- ### 4. PCB Design Considerations When using this part, engineers must follow specific layout rules: * **Keep-out Zones:** Do not run signal traces or ground planes directly under the transformer to maintain the 1500V isolation barrier. * **Differential Pairing:** Maintain strict 100-ohm differential impedance for the traces leading from the PHY to the transformer. * **Thermal Management:** Ensure the soldering profile matches the AEC-Q200 requirements for high-reliability automotive soldering.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and standard versions of this Pulse transformer?
    • ⤷ How does the AEC-Q200 qualification impact the testing process for this part?
    • ⤷ Can this transformer be used for Power over Ethernet (PoE) applications?