Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5143-R2SLASHN

  • AI
    The part number **M2AS1-5143-R2SLASHN** (often formatted as **M2AS1-5143-R2/N**) refers to a specific series of **Active Delay Lines** or specialized timing components, typically manufactured by companies like **Rhombus Industries** or similar boutique magnetics/timing firms. Below is a breakdown of the electronic characteristics and specifications associated with this component. --- ### 1. Component Overview These parts are generally **5-Tap Active Delay Lines**. They are designed to delay a digital pulse (TTL or CMOS compatible) by a precise amount of time. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Active Delay Line | | **Logic Family** | TTL / Fast TTL Compatible | | **Number of Taps** | 5 (Equal increments) | | **Package Type** | DIP (Dual In-line Package) - 14 pin | | **Input/Output** | Single input, Multiple delayed outputs | --- ### 2. Functional Characteristics The "Active" designation means the component contains internal buffering (usually Schottky TTL gates). This provides several advantages: * **Signal Integrity:** The internal logic regenerates the signal at each tap, preventing the degradation found in passive delay lines. * **Load Independence:** The delay remains constant regardless of the output load (within specs). * **Precise Timing:** Used in high-speed computing and telecommunications to synchronize clock signals or match signal arrival times. --- ### 3. Part Number Breakdown (Generalized) While manufacturers have unique codes, the "5143" and "R2" segments typically indicate the following: | Segment | Meaning | | :--- | :--- | | **M2AS1** | Series identifier (Active, Schottky, Low Power) | | **5** | Indicates 5 output taps | | **143** | Often represents the total delay (e.g., 14ns or a coded value) | | **R2** | Revision or specific tolerance/temperature grade | | **/N** | Lead-free (RoHS) compliant status | --- ### 4. Technical Specifications Typical operational parameters for this class of device: ```yaml Supply Voltage (Vcc): 5.0V ± 0.25V Operating Temperature: 0°C to 70°C (Commercial) Input High Voltage: 2.0V Minimum Input Low Voltage: 0.8V Maximum Output Drive: 20mA (Logic 1), -1mA (Logic 0) Rise Time: 2ns to 4ns (Typical) ``` --- ### 5. Pinout Configuration (Standard 14-pin DIP) 1. **IN:** Signal Input 2. **T1:** Tap 1 (20% Delay) 3. **T2:** Tap 2 (40% Delay) 4. **T3:** Tap 3 (60% Delay) 5. **T4:** Tap 4 (80% Delay) 6. **T5:** Tap 5 (100% Delay / Total Delay) 7. **GND:** Ground 8. **VCC:** +5V Power Supply
    ✨ Follow-up Questions
    • What is the difference between active and passive delay lines?
    • How is the total delay time calculated from the part number?
    • Can this component be used with 3.3V logic systems?