M2AS1-5212-R2
AI

The **M2AS1-5212-R2** is a specific technical part number often associated with high-frequency electronic connectors or RF (Radio Frequency) interface modules used in telecommunications and server hardware.
Below is a breakdown of its typical electronic characteristics and specifications.
---
### 1. General Component Specifications
While specific datasheets can vary by manufacturer (often associated with brands like Foxconn or TE Connectivity), this part number generally adheres to the following profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | M.2 (NGFF) Connector / Interface Card |
| **Interface Standard** | PCIe Gen 3/4 or SATA 3.0 Compatible |
| **Keying** | Typically "B" or "M" key (depending on specific configuration) |
| **Mounting Type** | Surface Mount (SMT) |
| **Lead-Free Status** | RoHS Compliant |
### 2. Key Electronic Parts & Functionality
The assembly of the M2AS1-5212-R2 consists of several critical sub-components that manage signal integrity:
* **Gold-Plated Contacts:** The pins are usually plated with gold (often 15μ" to 30μ") to ensure low contact resistance and prevent oxidation over high-speed data transmission.
* **Thermoplastic Housing:** Uses High-Temperature Thermoplastic (LCP) to withstand the heat generated during the reflow soldering process.
* **Grounding Tabs:** Integrated metal shields that minimize Electromagnetic Interference (EMI) and provide a path for static discharge.
* **Solder Pegs:** Mechanical stabilization components that ensure the connector remains attached to the PCB under physical stress.
### 3. Electrical Characteristics
These parts are designed to handle high-speed data throughput. Typical electrical ratings include:
1. **Current Rating:** Approximately 0.5A per pin.
2. **Voltage Rating:** 50V AC/DC.
3. **Dielectric Withstanding Voltage:** 300V AC for 1 minute.
4. **Insulation Resistance:** 500MΩ minimum.
5. **Contact Resistance:** 50mΩ maximum (initial).
### 4. Application Use Cases
The M2AS1-5212-R2 is commonly found in:
* **Motherboards:** For NVMe SSD or Wi-Fi/Bluetooth module slots.
* **Industrial PCs:** Compact storage interfaces.
* **Networking Gear:** Modular expansion for specialized signal processing cards.
---
- ⤷What is the specific pin count for the M2AS1-5212-R2?
- ⤷ Is this part compatible with PCIe Gen 5 standards?
- ⤷ Which manufacturer produces the R2 revision of this component?