AI

The **M2AS1-5214-R** is a specific part number typically associated with high-performance **M.2 (NGFF) Connectors**, often manufactured by companies like **Lotes**. These components are critical in modern computing for interfacing SSDs, Wi-Fi cards, and other expansion modules with a motherboard.
---
## Technical Specifications
The "5214" series generally denotes specific physical characteristics such as height, pinning, and keying.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Interface** | SMT (Surface Mount Technology) |
| **Pin Count** | 67-Pin or 75-Pin (Standard for M.2) |
| **Keying** | Typically **M-Key** (Supports PCIe x4 / NVMe) |
| **Height** | 4.2mm - 5.2mm (Commonly "H" dimension) |
| **Orientation** | Right Angle / Horizontal |
| **Compliance** | RoHS Compliant, Lead-Free |
---
## Core Electronic Components & Materials
### 1. Contact Points (Terminals)
* **Material:** Usually Phosphor Bronze or Copper Alloy.
* **Plating:** Gold plating on the contact area (to ensure high conductivity and corrosion resistance) and Tin plating on the solder tails.
* **Function:** Facilitates the high-speed transfer of differential signals (PCIe lanes) and power (3.3V).
### 2. Insulator Body (Housing)
* **Material:** High-temperature Thermoplastic (e.g., LCP - Liquid Crystal Polymer).
* **Properties:** Must withstand the heat of reflow soldering (up to 260°C) without warping.
### 3. Grounding & Shielding
* **Solder Tabs:** Large metal tabs on the sides of the connector provide mechanical stability (stretching the "hold-down") and act as a ground path to reduce EMI (Electromagnetic Interference).
---
## Pinout Functionality
While the physical part is just the socket, it is designed to carry specific electronic signals:
1. **Power Supply:** Multiple pins dedicated to **3.3V DC**.
2. **High-Speed Data:** Differential pairs for **PCIe Gen 3 or Gen 4** lanes.
3. **Clocking:** Reference clock signals (REFCLK+ / REFCLK-).
4. **Control Signals:** Including Reset (PERST#), Wake (WAKE#), and Device Sleep (DEVSLP).
---
## Usage in PCBA Design
When integrating the M2AS1-5214-R into a circuit board design, engineers must consider:
* **Footprint:** Precise pad layout for the 0.5mm pitch pins.
* **Thermal Management:** Ensuring there is enough copper plane area around the connector to dissipate heat from the M.2 module.
* **Impedance Control:** Routing the PCB traces at 85-100 ohms to match the high-speed signal requirements of the connector.
- ⤷
What are the differences between M-key and B-key M.2 connectors?
- ⤷ What is the standard pitch distance for the M2AS1 series?
- ⤷ How does the connector height affect the choice of SSD heatsinks?