Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5244-R/N

  • AI
    The **M2AS1-5244-R/N** is a specialized high-speed connector, typically part of the **M2AS series** produced by manufacturers like **Lotes**. This specific part is designed for **M.2 (NGFF - Next Generation Form Factor)** applications, commonly used in laptops, desktops, and embedded systems for SSDs or wireless cards. --- ### 1. Technical Specifications Below are the general technical parameters associated with this class of electronic component: | Feature | Specification | | :--- | :--- | | **Connector Type** | M.2 (NGFF) Card Edge | | **Pin Count** | 67-Pin / 75-Position | | **Keying** | Typically "M" Key or "B" Key (Application dependent) | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Right Angle / Horizontal | | **Pitch** | 0.50 mm | | **Operating Height** | 4.2mm - 4.4mm (Mid-plane/Standard mount) | --- ### 2. Key Internal Components & Materials The construction of the M2AS1-5244-R/N involves high-performance materials to ensure signal integrity at high frequencies (PCIe Gen 3/4/5). * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), capable of withstanding lead-free reflow soldering temperatures. * **Contacts:** Copper alloy base for conductivity, typically plated with **Gold (Au)** over Nickel (Ni) to prevent corrosion and maintain low contact resistance. * **Solder Pegs/Nails:** Metal tabs on the sides that provide mechanical stability and strain relief to prevent the connector from lifting off the PCB during SSD installation. --- ### 3. Electrical & Signal Characteristics This part is engineered to handle high-speed data protocols. Its design focuses on minimizing impedance mismatch and crosstalk. 1. **Data Rate Support:** Compatible with **PCIe Gen 4** and **Gen 5** (depending on PCB layout), SATA 3.0, and USB 3.0/4.0. 2. **Current Rating:** Generally 0.5A per pin. 3. **Voltage Rating:** 50V AC/DC. 4. **Contact Resistance:** Max 40mΩ to 55mΩ (initial). --- ### 4. Application Usage The "R/N" suffix often denotes specific packaging (Tape & Reel) and environmental compliance (Halogen-Free/RoHS). * **Storage:** NVMe SSD slots in Ultrabooks and Motherboards. * **Connectivity:** High-speed WAN/LAN modules. * **Industrial:** Embedded computing boards requiring compact, vibration-resistant storage interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific 'Key' configuration (A
    • ⤷ B
    • ⤷ E
    • ⤷ or M) for this model number?
    • ⤷ Does this connector support PCIe Gen 5 signal integrity requirements?
    • ⤷ What are the recommended reflow soldering profiles for the Lotes M2AS series?