Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5332-R

  • AI
    The **M2AS1-5332-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Common Mode Choke** or a **LAN Transformer** (frequently used in networking hardware). It is part of the M2AS series, often manufactured by companies like Coilwulf or similar magnetics specialists. Below is a detailed breakdown of its electronic characteristics and functions. --- ### 1. Technical Specifications The part is designed for high-frequency signal integrity. While specific datasheets can vary slightly by manufacturer, the "5332" nomenclature usually refers to its electrical properties or physical footprint. | Feature | Description | | :--- | :--- | | **Component Type** | Common Mode Choke / LAN Filter | | **Mounting Type** | SMD (Surface Mount Device) | | **Inductance** | Typically 5.0 mH to 35 mH (Common Mode) | | **Rated Current** | Usually between 100mA to 500mA | | **DCR (Direct Current Resistance)** | Low resistance to minimize signal loss | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Internal Construction The "Electronic Parts" within this assembly include: * **Ferrite Core:** A high-permeability magnetic core (usually toroid or E-shape) that suppresses high-frequency noise. * **Copper Windings:** Fine gauge insulated copper wire wound around the core. The "dual" nature of these parts usually means two sets of windings for differential signaling. * **Encapsulation:** A plastic or epoxy molded body that protects the internal wires from moisture and mechanical stress during pick-and-place assembly. * **Termination Pads:** Tin-plated leads or pads designed for reflow soldering onto a PCB. --- ### 3. Functional Role in a Circuit The M2AS1-5332-R serves three primary electronic purposes: 1. **Common Mode Noise Suppression:** It allows desired differential signals (data) to pass while blocking electromagnetic interference (EMI) that travels in the same direction on both lines. 2. **Impedance Matching:** Ensures that the characteristic impedance of the transmission line matches the transceiver to prevent signal reflections. 3. **Isolation:** Provides a degree of galvanic isolation between the network cable and the sensitive integrated circuits (ICs) on the motherboard. --- ### 4. Typical Applications You will commonly find this part in the following environments: * **Ethernet Interfaces:** 10/100/1000 Base-T networking ports. * **Telecommunications:** ADSL/VDSL modems and routers. * **Industrial Controls:** CAN bus or RS-485 lines where noise immunity is critical. * **Power Supplies:** Used as a small-scale EMI filter in DC-DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2AS1-5332-R?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended reflow soldering profiles for this component?