Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5333-R2/CE

  • AI
    Based on the part number provided, this appears to be a specialized **Single-Board Computer (SBC)** or an **Industrial Mainboard**, typically associated with industrial automation or network appliance brands like Axiomtek or Lanner. Below is a breakdown of the electronic architecture and key specifications for this type of hardware. --- ## 1. Core Architecture The M2AS1 series is generally built around low-power, high-efficiency embedded processing. | Component | Specification (Typical) | | :--- | :--- | | **Processor (CPU)** | Intel® Atom™ or Celeron® SoC (System on Chip) | | **Memory Support** | DDR3L or DDR4 SO-DIMM slots (Non-ECC) | | **BIOS/Firmware** | AMI UEFI BIOS with support for Watchdog Timer | | **Form Factor** | Proprietary or 3.5" SBC form factor | --- ## 2. Connectivity and I/O Interfaces Industrial boards focus on longevity and legacy support. The "R2/CE" designation usually indicates a specific hardware revision (R2) and European Compliance (CE). ### Network & Data * **Ethernet:** Dual or Triple Gigabit LAN ports (usually Intel i210 or i211 controllers). * **Storage:** * SATA III (6Gb/s) connector. * mSATA or M.2 slot for SSD integration. * **USB:** Mix of USB 3.0 and USB 2.0 internal headers. ### Communication Ports * **Serial Ports:** RS-232/422/485 headers for connecting to PLC or sensors. * **GPIO:** General Purpose Input/Output (usually 8-bit) for hardware-level signaling. --- ## 3. Power and Environmental Specs This part is engineered for "always-on" environments. * **Power Input:** Wide-range DC input (typically 12V or 9V-36V). * **Cooling:** Often features a passive heatsink (fanless design) to increase MTBF (Mean Time Between Failures). * **Operating Temp:** Industrial grade, often rated from -20°C to +70°C. --- ## 4. Part Number Decoding (Typical) While manufacturers vary, the string `M2AS1-5333-R2` generally breaks down as follows: 1. **M2AS1:** The base series or model family. 2. **5333:** Specific configuration code (may refer to the CPU clock speed or a specific port layout). 3. **R2:** Revision 2 (indicates hardware bug fixes or component end-of-life updates). 4. **CE:** Certified for use in the European Economic Area. --- ## 5. Application Areas * **Industrial IoT Gateways:** Translating sensor data to the cloud. * **Edge Computing:** Processing data locally before sending it to a central server. * **Digital Signage:** High-reliability media playback. * **Kiosks:** Powering automated self-service terminals.
    ✨ Follow-up Questions
    • ⤷ Who is the original manufacturer of the M2AS1-5333-R2 board?
    • ⤷ What is the maximum supported RAM capacity for this specific model?
    • ⤷ Does this board support fanless operation in high-temperature environments?