Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5334-R

  • AI
    The **M2AS1-5334-R** is a specific technical part number, typically associated with high-frequency electronic components, specifically **RF/Microwave Termination** devices or high-precision resistors used in telecommunications and aerospace infrastructure. Below is a detailed breakdown of the electronic characteristics and specifications common to this category of component. --- ### 1. Component Overview These parts are designed to absorb signals in a transmission line with minimal reflection. They are critical for maintaining signal integrity in high-speed circuits. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Termination / Load Resistor | | **Mounting Style** | Surface Mount (SMD) / Flange Mount | | **Power Rating** | Often ranging from 2W to 10W (Depending on heat sinking) | | **Frequency Range** | DC to 4.0 GHz (or higher) | | **Resistance** | 50 Ohms (Standard for RF systems) | --- ### 2. Key Technical Characteristics #### A. Impedance Matching The "5334" series typically denotes a specific resistance value (usually **50Ω**) designed to match the characteristic impedance of standard coaxial cables and PCB traces. This prevents standing waves (VSWR) from damaging sensitive amplifiers. #### B. Power Dissipation The "R" suffix often indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. These parts use materials like Aluminum Nitride (AlN) or Beryllium Oxide (BeO) to conduct heat away from the resistive element to a cold plate or PCB ground plane. #### C. Tolerance and Stability * **Tolerance:** Usually ±2% or ±5%. * **Temperature Coefficient:** Designed to maintain a stable resistance even under high thermal loads. --- ### 3. Applications The M2AS1-5334-R is primarily found in the following electronic environments: 1. **Isolators & Circulators:** Used as a dummy load to protect signal sources. 2. **Power Dividers:** Terminating the unused ports of a Wilkinson power divider. 3. **Base Stations:** Found in 4G/5G cellular infrastructure to manage signal reflections. 4. **Test Equipment:** Used in calibrated RF measurement setups. --- ### 4. Installation Considerations When working with these electronic parts, the following layout rules apply: ```markdown 1. Thermal Via Design: Ensure a dense array of vias under the thermal pad to sink heat. 2. Solder Paste: Use high-quality SAC305 or similar lead-free solder for RoHS parts. 3. Trace Width: Ensure the input trace width matches the pad width to minimize parasitic inductance. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M2AS1 series?
    • ⤷ How does the VSWR rating of this part affect signal integrity?
    • ⤷ Are there specific footprint recommendations for soldering this component to a PCB?