Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5334-R/CE

  • AI
    The **M2AS1-5334-R/CE** is a specialized electronic component, typically categorized as an **SFP (Small Form-factor Pluggable)** transceiver module, often utilized in industrial networking and telecommunications. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and operational characteristics of this component: | Feature | Specification Details | | :--- | :--- | | **Module Type** | SFP (Small Form-factor Pluggable) | | **Interface Type** | Optical (usually LC Connector) | | **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) | | **Wavelength** | 1310nm or 1550nm (Standard Single-mode/Multi-mode) | | **Input Voltage** | 3.3V DC (Standard for SFP) | | **Form Factor** | Hot-swappable I/O plug | | **Compliance** | MSA (Multi-Source Agreement), RoHS, CE | --- ### 2. Core Electronic Architecture The internal circuitry of the M2AS1-5334-R/CE consists of several critical subsystems: #### A. Transmit Path (TX) * **Laser Driver:** An integrated circuit that converts the electrical data signal into a modulated current to drive the laser diode. * **Optical Source:** Usually a TOSA (Transmitter Optical Sub-Assembly) containing a Fabry-Perot (FP) or DFB laser. #### B. Receive Path (RX) * **Photodetector:** A ROSA (Receiver Optical Sub-Assembly) that converts incoming light pulses back into electrical current. * **Transimpedance Amplifier (TIA):** Converts the weak current from the photodetector into a differential voltage. * **Limiting Amplifier:** Cleans and reshapes the signal to ensure a standard logic output. #### C. Control and Monitoring (DDM) Most modern versions (signified by "CE" or similar suffixes) include **Digital Diagnostic Monitoring (DDM)**. This allows the host system to monitor real-time parameters via an I2C interface: * Supply Voltage. * Laser Bias Current. * Receiver Optical Power. * Internal Temperature. --- ### 3. Connection and Pinout The module connects via a **20-pin gold finger connector**. Key pin groupings include: 1. **Power (VccT/VccR):** 3.3V supply for the transmitter and receiver sections. 2. **Data (TD+/- and RD+/-):** High-speed differential pairs for signal transmission. 3. **Control (TX_Disable, TX_Fault):** Logic pins to shut down the laser or report hardware failures. 4. **I2C (SDA/SCL):** Serial interface for ID and DDM data. --- ### 4. Application Environment The "R" and "CE" suffixes often denote **Industrial Grade** or **Extended Temperature** ratings and European compliance. * **Temperature Range:** Often -40°C to +85°C. * **Usage:** Industrial switches, media converters, and base station backhaul.
    ✨ Follow-up Questions
    • ⤷ What is the maximum transmission distance for the M2AS1-5334-R/CE?
    • ⤷ How does the DDM feature help in network troubleshooting?
    • ⤷ Is this module compatible with standard Cisco or Juniper switches?