M2AS1-5334-R2
AI

The **M2AS1-5334-R2** is a specialized high-performance coaxial switch, typically categorized as a **Duarte/Matrix Electromechanical Switch**. These components are widely used in RF (Radio Frequency) and microwave testing environments for routing signals between different paths.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, the electronic and mechanical characteristics are generally as follows:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Switch Type** | SPDT | Single Pole Double Throw |
| **Actuator Type** | Failsafe | Returns to a default position when power is removed |
| **Frequency Range** | DC to 18 GHz | Supports high-frequency microwave applications |
| **Operating Voltage** | 12V - 15V DC | Standard supply for the internal solenoid |
| **Connector Type** | SMA (Female) | Standard precision RF interface |
| **Impedance** | 50 Ohms | Standard for RF communication systems |
---
### 2. Internal Electronic Components
The device consists of several critical internal assemblies that allow it to function as a reliable RF switch:
* **Solenoid Actuator:** The heart of the switch. It uses an electromagnetic coil to create a magnetic field that moves a mechanical plunger, toggling the RF path.
* **RF Contact Assembly:** Precision gold-plated contacts designed to maintain signal integrity, minimize **Insertion Loss**, and provide high **Isolation** (preventing signal leakage into the "off" port).
* **Indicator Circuitry (Optional):** Many "R2" revisions include internal logic or mechanical micro-switches that provide feedback to a controller, confirming whether the switch is in the "Open" or "Closed" state.
* **Damping Mechanism:** Internal springs and bumpers that reduce mechanical bounce, extending the lifecycle of the switch (often rated for millions of cycles).
---
### 3. Applications
The M2AS1-5334-R2 is primarily found in:
1. **Automated Test Equipment (ATE):** Routing signals from a Device Under Test (DUT) to various measurement instruments like Spectrum Analyzers.
2. **Satellite Communications:** Switching between redundant low-noise amplifiers (LNAs).
3. **Laboratory Research:** Prototyping RF circuits where manual or automated path switching is required.
---
### 4. Schematic Representation
In a standard circuit, the electronic control is represented as follows:
```text
Control Terminal (+) ----[ Solenoid Coil ]---- Control Terminal (-)
|
V (Mechanical Linkage)
|
RF Input (COM) <------------> RF Output (NC/NO)
```
- ⤷
What is the maximum insertion loss for this model at 18 GHz?
- ⤷ Does the R2 suffix indicate a specific voltage or environmental rating?
- ⤷ How do I wire the indicator pins for remote status monitoring?