Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5344-R/CE

  • AI
    The **M2AS1-5344-R/CE** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Magnetic Module**. These parts are frequently used in power management circuits for noise filtering and energy storage. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the primary technical attributes: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Specified by the "5344" code (varies by manufacturer) | | **Tolerance** | Usually ±20% | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) | | **Compliance** | RoHS Compliant / Lead-Free (indicated by "-R") | --- ### 2. Key Electronic Features #### A. Magnetic Shielding These components are usually **shielded**. This means the magnetic flux is contained within the component body, which: * Reduces Electromagnetic Interference (EMI) with neighboring components. * Allows for high-density PCB layouts. #### B. High Current Handling The "M2AS" series is designed for DC-DC converters. They feature a low **DCR (DC Resistance)**, which minimizes power loss through heat, allowing for higher efficiency in battery-powered devices. #### C. Core Material Typically utilizes a **Ferrite core** or **Metal Alloy powder**. * **Ferrite:** Better for high-frequency stability. * **Metal Alloy:** Better for high saturation current (prevents the inductor from "bottoming out" under heavy loads). --- ### 3. Application Use Cases This part is commonly found in the following electronic environments: 1. **Voltage Regulator Modules (VRM):** Used in laptops and servers to step down voltage. 2. **Point of Load (POL) Converters:** Providing stable power to CPUs or FPGAs. 3. **LED Drivers:** Managing current flow to high-brightness LEDs. 4. **Automotive Infotainment:** The "/CE" suffix often denotes specific compliance or packaging standards suitable for consumer electronics or light industrial use. --- ### 4. Circuit Symbol and Footprint In a schematic, this part is represented as an inductor. ```text L1 --UUU-- (Inductor) ``` **Footprint Note:** Ensure you verify the pad dimensions (Length x Width) from the manufacturer's datasheet, as SMD inductors vary significantly in height profiles (Low Profile vs. Standard). ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 5344 code?
    • ⤷ Can this part be used in automotive AEC-Q200 applications?
    • ⤷ What are the equivalent alternative parts for the M2AS series?