M2AS1-5344-R/N
AI

The **M2AS1-5344-R/N** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specific **Magnetic Module**. These parts are frequently used in power management circuits for high-frequency DC-DC converters, laptops, and networking equipment.
---
### 1. General Specifications
While specific datasheets are proprietary to manufacturers (often associated with brands like **Mag.Layers** or **Chilisin**), the part number breakdown generally follows this industry logic:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor / Magnetic Bead |
| **Package Size** | SMD (Surface Mount Device) |
| **Mounting** | Reflow Soldering Compatible |
| **Termination** | Lead-Free (RoHS Compliant) |
| **Operating Temp** | -40°C to +125°C (Standard Industrial) |
---
### 2. Key Electronic Characteristics
These components are designed to handle high current while maintaining a low profile.
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation.
* **High Saturation Current:** The "5344" portion of the code often refers to specific physical dimensions (e.g., 5mm x 5mm) and internal winding structures that allow it to handle high current spikes without losing inductance.
* **Magnetic Shielding:** Most parts in this series are shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding sensitive components on the PCB.
---
### 3. Common Applications
The M2AS1 series is typically found in the following electronic environments:
1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs to smooth out power delivery.
2. **DC-DC Converters:** Essential for stepping down battery voltage to usable levels for integrated circuits.
3. **EMI Suppression:** Acting as a filter to block high-frequency noise in communication lines.
---
### 4. Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **M2AS** | Series code (Metal Alloy or Multilayer Magnetic) |
| **5344** | Dimensional code (Physical footprint/Height) |
| **R/N** | Tolerance or Packing Type (e.g., Tape & Reel) |
---
- ⤷What is the exact inductance value (uH) for the 5344 variant?
- ⤷ Which manufacturers are the primary producers of the M2AS series?
- ⤷ Can this part be substituted with a standard ferrite core inductor?