Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5344-R2/Q

  • AI
    The **M2AS1-5344-R2/Q** is a high-performance, specialized magnetic component, typically classified as a **LAN Transformer** or a **Magnetic Isolation Module**. These parts are critical in Ethernet networking hardware to provide signal conditioning, impedance matching, and high-voltage isolation. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely electronic characteristics: | Property | Typical Value / Description | | :--- | :--- | | **Component Type** | LAN Transformer / Discrete Magnetic Module | | **Port Configuration** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms (Hi-Pot) | | **Turns Ratio** | 1:1 (Transmitter and Receiver) | | **Package Style** | Surface Mount Device (SMD) | | **Operational Temp** | 0°C to +70°C (Commercial) or -40°C to +85°C (Industrial) | --- ### 2. Functional Electronic Sections The internal circuitry of the M2AS1-5344-R2/Q usually consists of four primary stages per channel: 1. **Isolation Transformers:** Provides the 1.5kV galvanic isolation required by IEEE 802.3 standards to protect the PHY chip from external surges. 2. **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise from the differential signal lines. 3. **Center Taps:** Used for biasing the signals and, in some variants, supporting Power over Ethernet (PoE) current injection. 4. **Auto-Transformer / Termination:** Ensures the 100-ohm differential impedance matches the twisted-pair cable (Cat5e/Cat6). --- ### 3. Applications and Integration This part is commonly found in the following electronic systems: * **Network Interface Cards (NICs):** Integrated into PC motherboards or expansion cards. * **Embedded Systems:** Industrial PCs, IoT Gateways, and Routers. * **Set-Top Boxes:** Providing stable Ethernet connectivity for media streaming. --- ### 4. Part Number Breakdown (Estimated) * **M2AS:** Series designation (often related to footprint and internal wiring). * **5344:** Specific electrical configuration (inductance, turns ratio, and pinout). * **R2:** Revision or RoHS compliance status. * **Q:** Often denotes specific packaging (e.g., Tape and Reel) or a quality grade (e.g., Automotive/Industrial). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the M2AS1 series?
    • ⤷ How does this component differ from a standard RJ45 jack with integrated magnetics?
    • ⤷ What are the recommended reflow soldering profiles for this SMD part?