M2AS1-5422-R
AI

The **M2AS1-5422-R** is a specific part number belonging to the **M2 series of RF Coaxial Connectors**, typically manufactured by companies like **Noble** or specialized RF component suppliers. It is a surface-mount (SMT) miniature coaxial switch connector, commonly used in mobile devices for signal testing.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and physical characteristics of this component series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | RF Coaxial Switch (Manual/Probe type) |
| **Frequency Range** | DC to 6 GHz |
| **Impedance** | 50 Ohms |
| **V.S.W.R.** | 1.2 Max (DC to 3GHz), 1.3 Max (3GHz to 6GHz) |
| **Insertion Loss** | 0.1 dB Max (DC to 3GHz), 0.2 dB Max (3GHz to 6GHz) |
| **Durability** | ~500 Cycles (Mating/Unmating) |
| **Mounting Type** | Surface Mount Technology (SMT) |
---
### 2. Physical Construction
The part is designed to be as small as possible to save PCB real estate.
* **Housing:** High-temperature thermoplastic (LCP), capable of withstanding lead-free reflow soldering temperatures.
* **Contacts:** Copper alloy with Gold (Au) plating to ensure low contact resistance and prevent oxidation.
* **Shielding:** Metal shell (usually brass or phosphor bronze with gold/silver plating) to minimize EMI and signal leakage.
---
### 3. Functional Mechanism
The "Switch" functionality is the most critical aspect of the M2AS series:
1. **Normal State (Internal Circuit):** When no probe is inserted, the internal spring contact closes the circuit, allowing the signal to pass from the internal antenna to the RF circuit.
2. **Bypass State (Testing):** When an external measurement probe is inserted into the connector, the probe mechanically pushes the internal spring contact. This **breaks** the internal connection and redirects the RF signal to the test equipment (like a Network Analyzer).
---
### 4. Applications
The M2AS1-5422-R is predominantly found in high-density wireless electronics:
* **Mobile Phones:** For factory calibration and final RF testing.
* **Wireless Modules:** Wi-Fi, Bluetooth, and 5G modules.
* **IoT Devices:** Ensuring antenna performance during the assembly process.
---
### 5. Footprint Example (Generic SMT)
```c
// Layout Note for M2AS Series:
// Ensure the center pad is isolated from the ground plane
// to prevent signal shorting.
[Top View Diagram Concept]
_______
| [1] | <-- Signal In
___| |___
[G] | (O) | [G] <-- (O) is the probe entry point
|_______| [G] are Ground Solder Pads
[2] <-- Signal Out
```
---
- ⤷
What are the compatible measurement probes for the M2AS series?
- ⤷ How does the insertion loss change at frequencies above 6 GHz?
- ⤷ What is the recommended reflow soldering profile for this connector?