Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5422-R2/CE

  • AI
    The **M2AS1-5422-R2/CE** is a specialized server-grade motherboard (or system board), typically associated with **Inspur** storage servers or high-density computing nodes. Below is a breakdown of its key electronic components and technical specifications. --- ## 1. Core Technical Specifications | Component | Specification Details | | :--- | :--- | | **Form Factor** | Proprietary Server Blade/Node | | **Processor Support** | Likely Intel Xeon Scalable (1st or 2nd Gen) | | **Memory Slots** | 16x DDR4 DIMM Slots (RDIMM/LRDIMM) | | **Chipset** | Intel C621 (Lewisburg) | | **Expansion Slots** | Mezzanine connectors for Riser cards and OCP modules | | **Storage Interface** | NVMe/SATA via high-density SlimSAS or SFF-8643 connectors | --- ## 2. Key Electronic Sections ### A. Power Delivery (VRM) * **Multi-phase Design:** The board features a sophisticated Voltage Regulator Module (VRM) section surrounding the CPU sockets. It uses high-efficiency MOSFETs and solid capacitors to handle the high TDP (Thermal Design Power) of enterprise processors. * **Power Input:** Uses high-density gold-finger connectors or specialized multi-pin power blocks rather than standard 24-pin ATX cables, as it is designed for chassis backplanes. ### B. Networking and Connectivity * **BMC (Baseboard Management Controller):** Typically integrated with an **ASPEED AST2500** chip. This allows for IPMI 2.0 remote management, iKVM, and hardware health monitoring. * **PCH (Platform Controller Hub):** The Intel C62x series chipset manages SATA lanes, USB headers, and lower-speed PCIe lanes. ### C. I/O and Expansion * **PCIe Lanes:** The "R2" revision often implies optimized signal integrity for PCIe Gen3 or Gen4. * **Internal Headers:** Includes TPM (Trusted Platform Module) headers for hardware-level security and various fan headers controlled by the BMC. --- ## 3. Maintenance and Identification * **Revision (R2):** Indicates a second-generation hardware layout, often fixing power delivery issues or improving compatibility with newer high-capacity RAM modules found in the original R1 version. * **CE Marking:** Confirms that the electronic assembly meets European safety, health, and environmental protection requirements. --- ## 4. Typical Applications * **Data Centers:** Used in 2U-4Node or 4U-8Node high-density server chassis. * **Cloud Storage:** Often paired with high-count 3.5" HDD backplanes for massive data storage.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RAM capacity supported by the M2AS1-5422-R2/CE?
    • ⤷ Which specific Inspur server models use this motherboard?
    • ⤷ Does this board support NVMe over PCIe Gen4?