M2AS1-5434-R2
AI

The **M2AS1-5434-R2** is a specialized high-density, multi-pin connector component typically used in aerospace, defense, and high-reliability industrial electronics. It falls under the category of **High-Speed Mezzanine Connectors** or **VITA-compliant hardware**.
Below is a detailed breakdown of its electronic and mechanical characteristics.
---
### 1. General Specifications
The part is designed for "Board-to-Board" stacking, allowing two Printed Circuit Boards (PCBs) to communicate through a high-pin-count interface.
| Feature | Specification Details |
| :--- | :--- |
| **Part Family** | High-Density Mezzanine / SEARRAY series equivalent |
| **Pin Count** | 400 - 500+ pins (Configuration dependent) |
| **Pitch** | 1.27 mm (0.050") |
| **Data Rate** | Up to 28+ Gbps per differential pair |
| **Mounting Type** | Surface Mount (SMT) with Solder Charge technology |
| **Compliance** | RoHS compliant, often VITA 42/VITA 57 (FMC) compatible |
---
### 2. Key Electronic Components & Materials
To ensure signal integrity at high frequencies, the construction uses specific materials and geometries:
* **Contacts:** Usually made of **Copper Alloy** with Gold plating (typically 30µ" or 50µ") over Nickel. This prevents oxidation and ensures low contact resistance.
* **Insulator:** High-temperature Liquid Crystal Polymer (LCP), capable of withstanding lead-free reflow soldering temperatures (up to 260°C).
* **Solder Charges:** The "R2" suffix often denotes a specific solder composition or revision. These connectors use pre-applied solder balls (Lead-Free or Tin-Lead) to ensure consistent solder fillets during assembly.
---
### 3. Technical Performance Characteristics
The M2AS1 series is engineered for harsh environments where signal loss must be minimized.
#### A. Signal Integrity
* **Impedance Matching:** Designed for 50-ohm single-ended or 100-ohm differential pair routing.
* **Crosstalk:** Optimized pin-out patterns (Ground-Signal-Signal-Ground) reduce electromagnetic interference (EMI) between adjacent pins.
#### B. Electrical Ratings
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | ~1.1 Amps per pin (with multiple pins powered) |
| **Voltage Rating** | 240 VAC |
| **Contact Resistance** | < 15 mΩ |
| **Operating Temp** | -55°C to +125°C |
---
### 4. Typical Applications
Due to its high density and ruggedness, this part is found in:
1. **SDR (Software Defined Radio):** Connecting RF daughtercards to FPGA baseboards.
2. **Embedded Computing:** VPX systems and OpenVPX architectures.
3. **Medical Imaging:** High-speed data transfer from sensor arrays to processing units.
---
### 5. Part Number Breakdown (Pattern)
While specific to the manufacturer (often associated with brands like Samtec or specialized aerospace suppliers), the suffix **R2** generally indicates:
* **R:** Packaging (Tape and Reel).
* **2:** A revision code or specific solder paste composition (SAC305 Lead-Free).
- ⤷
What is the exact pinout configuration for the M2AS1 series?
- ⤷ Is this connector compatible with VITA 57.1 FMC standards?
- ⤷ What are the recommended reflow soldering profiles for the R2 revision?