M2AS1-5442-R
AI

The **M2AS1-5442-R** is a specific part number typically associated with high-performance **Magnetic RJ45 Connectors** (Integrated Connector Modules or ICMs). These components combine a standard RJ45 Ethernet jack with the necessary internal magnetics (transformers and chokes) required for networking interfaces.
---
## 1. Component Overview
The M2AS1-5442-R is designed to provide the physical connection and electrical isolation for Ethernet communications. By integrating the magnetics into the jack, it saves PCB space and improves EMI (Electromagnetic Interference) performance.
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Integrated RJ45 Connector (ICM) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Port Configuration** | 1x1 (Single Port) |
| **Orientation** | Right Angle / Side Entry |
| **Shielding** | Metal Shield with EMI Tabs |
| **LEDs** | Integrated (Typically Green/Yellow) |
| **Mounting Type** | Through-Hole (THT) |
---
## 2. Internal Electronic Parts
The "M2AS1" series contains several internal passive components that handle signal integrity:
### A. Isolation Transformers
* **Purpose:** Provides 1500V AC isolation between the Ethernet cable and the PHY (Physical Layer) chip.
* **Function:** Protects the sensitive electronics from voltage surges on the network line.
### B. Common Mode Chokes
* **Purpose:** Filters out high-frequency noise that is common to both signal lines.
* **Effect:** Reduces electromagnetic emissions to help the device pass FCC/CE certifications.
### C. Termination Resistors & Capacitors
* **Purpose:** Often includes "Bob Smith" termination (typically 75Ω resistors and a high-voltage capacitor).
* **Effect:** Matches impedance to reduce signal reflections and dissipates common-mode energy to ground.
---
## 3. Physical & Mechanical Features
1. **Shielding:** The outer metal casing is grounded to the PCB to prevent external noise from interfering with the data pairs.
2. **Gold Plating:** The contact pins (usually 8 or 10 pins) are gold-plated to ensure long-term conductivity and prevent corrosion.
3. **LED Indicators:** The integrated LEDs are powered by the host system to indicate "Link" status and "Activity" (Data transfer).
---
## 4. Typical Application Circuit
When designing a PCB for this part, the internal schematic usually looks like this:
```text
[RJ45 Side] <--> [Common Mode Choke] <--> [Isolation Transformer] <--> [PHY Side Pins]
|
[Termination Network]
|
[Chassis GND]
```
---
- ⤷
What is the pinout diagram for the M2AS1-5442-R?
- ⤷ Which Ethernet PHY chips are most compatible with this connector?
- ⤷ What are the specific LED colors and voltage requirements for this model?