Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6134-R2

  • AI
    The **M2AS1-6134-R2** is a high-performance, single-output DC-DC converter module, typically used in industrial and telecommunications applications. It is part of a series known for high efficiency and a compact "brick" form factor. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Telecom standard 48V nominal) | | **Output Voltage** | 1.0V to 1.8V DC (Adjustable) | | **Maximum Output Current** | 60A - 80A (Depending on thermal management) | | **Efficiency** | Up to 92-94% | | **Form Factor** | Quarter-Brick (approx. 57.9 x 36.8 mm) | | **Cooling** | Conduction/Convection (requires heatsink/airflow for max load) | --- ### 2. Core Electronic Components & Features The module functions as a **Step-Down (Buck) Synchronous Rectifier**. Below are the primary electronic aspects: #### A. Power Stage * **MOSFETs:** Utilizes high-frequency, low-resistance MOSFETs to minimize switching and conduction losses. * **Synchronous Rectification:** Instead of standard diodes, it uses MOSFETs for rectification to increase efficiency, especially at low output voltages. #### B. Control Circuitry * **PWM Controller:** High-speed Pulse Width Modulation (PWM) IC that manages voltage regulation and transient response. * **Isolation:** Usually features magnetic isolation between the input and output stages (typically 1500V to 2250V DC) to protect sensitive logic loads. #### C. Protection Mechanisms * **OTP (Over Temperature Protection):** Thermal sensors shut down the unit if internal temperatures exceed safe limits. * **OCP/OVP:** Protects against Over-Current and Over-Voltage conditions via a "hiccup mode" or latch-off. * **UVLO:** Under-Voltage Lockout ensures the converter doesn't start until the input voltage is stable. --- ### 3. Pin Configuration & Signal Interface | Pin Type | Description | | :--- | :--- | | **Vin+ / Vin-** | Primary DC input power. | | **Vout+ / Vout-** | Regulated DC output power. | | **Remote ON/OFF** | Logic-level control (Positive or Negative logic available). | | **Trim** | Allows the user to adjust the output voltage using an external resistor. | | **Sense+ / Sense-** | Compensates for voltage drops across PCB traces by sensing voltage at the load. | --- ### 4. Implementation Example (Trim Calculation) To adjust the output voltage, an external resistor is typically connected between the **Trim** pin and **Sense-**. ```python # Conceptual Python snippet for calculating Trim Resistor def calculate_trim_resistor(v_desired, v_nominal): # This is a generic formula; refer to the specific datasheet # for the M2AS series constants (Ra, Rb, Vr). if v_desired < v_nominal: return "Connect resistor to Sense- for Trim Down" else: return "Connect resistor to Sense+ for Trim Up" print(calculate_trim_resistor(1.2, 1.0)) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact efficiency curve for the M2AS1-6134-R2 at 50% load?
    • ⤷ Can this module be operated in parallel with other units for higher current?
    • ⤷ What are the specific thermal derating requirements for high-altitude use?