M2AS1-6142-R
AI

The **M2AS1-6142-R** is a specific part number typically associated with high-density interconnect solutions, specifically **M.2 (NGFF) connectors**. These components are widely used in modern electronics to interface SSDs, wireless modules (Wi-Fi/Bluetooth), and LTE/5G cards with motherboards.
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (Next Generation Form Factor - NGFF) |
| **Mounting Type** | Surface Mount (SMT), Right Angle |
| **Number of Positions** | 67 Pins |
| **Pitch** | 0.50 mm |
| **Height** | 4.2 mm (Standard Profile) |
| **Keying** | Typically "M Key" (Supports PCIe x4/SATA) |
| **Contact Plating** | Gold (Flash or Selective) |
| **Termination** | Solder |
---
## Key Electronic Components & Materials
### 1. Contacts (Pins)
* **Material:** Usually Phosphor Bronze or Copper Alloy.
* **Function:** Conducts high-speed differential signals.
* **Plating:** Gold over Nickel. Gold prevents oxidation and ensures low contact resistance over the lifecycle of the device.
### 2. Housing (Insulator)
* **Material:** High-Temperature Thermoplastic (LCP - Liquid Crystal Polymer).
* **Function:** Provides structural integrity and electrical isolation between the 67 pins. It must withstand the high heat of reflow soldering (up to 260°C).
### 3. Solder Tabs / Pegs
* **Material:** Tin-plated copper.
* **Function:** Mechanical stability. These are soldered to the PCB to ensure the connector does not lift off the board when the M.2 card is inserted or removed.
---
## Application Use Cases
The M2AS1-6142-R is designed for high-bandwidth data transmission. Common applications include:
1. **Storage:** NVMe SSDs (Solid State Drives) requiring PCIe Gen 3 or Gen 4 speeds.
2. **Computing:** Laptop and Desktop motherboards.
3. **Industrial:** Embedded PC systems and IoT gateways.
4. **Networking:** High-speed network interface cards.
---
## Design Considerations
* **Signal Integrity:** Due to the 0.5mm pitch, PCB traces must be carefully routed to avoid crosstalk and impedance mismatch, especially for PCIe 4.0/5.0 signals.
* **Thermal Management:** The 4.2mm height provides a specific clearance between the card and the PCB, which is critical for airflow and cooling of the controller chips on the SSD.
- ⤷
What is the difference between M-Key and B-Key for this connector?
- ⤷ How does the 4.2mm height affect thermal performance compared to lower profile versions?
- ⤷ What are the soldering requirements for the M2AS1-6142-R during PCB assembly?