Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6212-R2

  • AI
    The **M2AS1-6212-R2** is a specialized server motherboard or system board designed for high-density computing environments. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Core Architecture The M2AS1-6212-R2 is built to support the **AMD EPYC™ 7001/7002/7003 Series** processors (Naples, Rome, and Milan). | Feature | Specification | | :--- | :--- | | **CPU Socket** | Single Socket SP3 (LGA 4094) | | **Memory Slots** | 8x DIMM Slots | | **Memory Type** | DDR4 ECC RDIMM / LRDIMM (Up to 3200MHz) | | **Form Factor** | Proprietary / Sled-style (Common in 2U4N chassis) | --- ### 2. Connectivity and I/O Interfaces The board is engineered for high-speed data throughput and expansion capabilities. * **PCIe Expansion:** Typically features high-bandwidth PCIe Gen3 or Gen4 lanes (depending on the CPU generation installed) routed to riser cards. * **Storage Support:** * **M.2 Slots:** Often includes 1 or 2 M.2 (NVMe) slots for boot drives. * **SATA/SAS:** Connectivity via Slimline SAS or OCuLink connectors for backplane integration. * **Networking:** Integrated dual-port or quad-port Gigabit Ethernet (GbE) or SFP+ options depending on the specific riser configuration. --- ### 3. Management and Control (BMC) Server-grade reliability is managed through a dedicated controller: * **Baseboard Management Controller (BMC):** Usually features an **ASPEED AST2500** or similar chip. * **IPMI 2.0 Support:** Allows for remote power cycling, KVM-over-IP, and hardware health monitoring (fan speeds, voltages, temperatures). * **TPM Header:** Includes a header for a Trusted Platform Module to enhance hardware-level security. --- ### 4. Power Delivery System The electronic design emphasizes stability under heavy computational loads: * **VRM Design:** Multi-phase Voltage Regulator Modules (VRMs) located near the CPU socket to ensure stable power delivery. * **Power Input:** Uses high-density power connectors (typically customized for the server chassis midplane) rather than standard ATX 24-pin connectors. --- ### 5. Physical Layout (Typical Sled Design) Unlike standard desktop boards, the M2AS1-6212-R2 is often part of a "Multi-Node" system: 1. **Rear I/O:** VGA port, USB 3.0 ports, and a dedicated RJ45 management port. 2. **Airflow Optimization:** Components are arranged linearly to maximize front-to-back airflow in rackmount environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum supported RAM capacity for this motherboard?
    • ⤷ Which server chassis is the M2AS1-6212-R2 primarily compatible with?
    • ⤷ Does this board support PCIe Gen4 with AMD Milan processors?