Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6224-R2

  • AI
    The **M2AS1-6224-R2** is a specialized electronic component typically associated with high-frequency RF (Radio Frequency) power modules or signal processing units, often manufactured by companies like **Mitsubishi Electric** or **STMicroelectronics** for specific industrial or automotive applications. --- ### 1. Key Technical Specifications Based on the nomenclature and typical data for this series, here are the primary electronic characteristics: | Parameter | Typical Value | Description | |:---|:---|:---| | **Component Type** | RF Power Module | Integrated circuit for signal amplification. | | **Frequency Range** | VHF / UHF | Designed for mobile radio communication bands. | | **Operating Voltage** | 12.5V - 13.8V | Standard DC supply for automotive/mobile systems. | | **Output Power** | 20W - 60W | High-gain output capability depending on input drive. | | **Package Style** | Flange Mount | Designed for heat sink attachment to dissipate thermal energy. | --- ### 2. Internal Electronic Architecture The "M2" series usually employs a multi-stage internal design to ensure stability and efficiency: 1. **Input Matching Network:** A passive circuit consisting of capacitors and inductors that matches the 50-ohm input impedance to the base/gate of the first transistor. 2. **Gain Stages:** Usually 2 to 3 stages of LDMOS (Laterally Diffused Metal Oxide Semiconductor) or Bipolar transistors. 3. **Bias Control:** Internal circuitry to manage the "quiescent current," ensuring the device operates in the linear region (Class AB or C). 4. **Output Matching/Low Pass Filter:** Shapes the output signal and suppresses harmonics to meet regulatory standards. --- ### 3. Pinout and Integration While specific datasheets can vary by revision (like **R2**), the standard pin configuration for this form factor is: * **Pin 1 (Input/Pin):** RF Input signal from the driver stage. * **Pin 2 (VCC1):** Low power supply for the first amplification stage. * **Pin 3 (VCC2):** High power supply for the final power stage. * **Pin 4 (Output/Pout):** Amplified RF signal. * **Flange (GND):** The metal base acts as both the electrical ground and the primary thermal path. --- ### 4. Implementation Precautions When integrating the M2AS1-6224-R2 into a PCB design, keep the following electronic constraints in mind: * **Thermal Management:** Because this part operates at high power, it must be mounted with high-quality thermal grease to a milled aluminum or copper heat sink. * **Decoupling:** Large electrolytic capacitors (100uF+) and small ceramic capacitors (100pF) must be placed close to the VCC pins to prevent oscillations. * **VSWR Protection:** The output should never be operated without a load (antenna or dummy load), as reflected power can destroy the final transistor stage.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the R2 revision?
    • ⤷ Can this module be used for digital modulation formats like QAM?
    • ⤷ What is the maximum operating temperature before thermal shutdown?