M2AS1-6234-R2SLASHQ
AI

The part number **M2AS1-6234-R2/Q** refers to a high-performance **Magnetic Angle Sensor IC**, typically utilized in automotive and industrial applications for contactless position sensing.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Technical Specifications
This component is designed to detect the absolute angular position of a permanent magnet rotating over the sensor surface.
| Parameter | Description |
| :--- | :--- |
| **Technology** | Hall-effect or TMR (Tunnel Magnetoresistive) |
| **Resolution** | Typically 12-bit to 14-bit |
| **Supply Voltage** | 3.3V to 5V (standard automotive range) |
| **Interface** | SPI (Serial Peripheral Interface) or PWM |
| **Package** | Usually TSSOP-14 or QFN |
| **Operating Temp** | -40°C to +150°C (AEC-Q100 Grade 0/1) |
---
### 2. Key Internal Components
The "M2AS" series generally integrates several functional blocks on a single die:
* **Sensing Elements:** A bridge of Hall elements or Magnetoresistors positioned to detect the $X$ and $Y$ components of the magnetic field.
* **Analog Front-End (AFE):** Amplifiers and filters that clean the signal from the magnetic sensors.
* **ADC (Analog-to-Digital Converter):** Converts the analog sine/cosine signals into digital values.
* **CORDIC Processor:** A digital logic block that calculates the $\arctan$ of the signals to provide a linear 0-360° angle.
* **EEPROM/OTP:** Internal memory used to store calibration data, zero-position offsets, and configuration settings.
---
### 3. Decoding the Part Number
While specific manufacturer naming conventions vary (often associated with brands like Melexis, AMS, or specialized automotive suppliers), the suffix **"R2/Q"** usually denotes:
* **R2:** Revision 2 of the silicon or a specific reel size for automated assembly.
* **Q:** Automotive Grade qualification (AEC-Q100), meaning it has undergone rigorous stress testing for vibrations and extreme temperatures.
---
### 4. Common Applications
* **Electronic Throttle Control (ETC):** Sensing the position of the butterfly valve.
* **Power Steering:** Measuring the steering wheel angle.
* **BLDC Motor Control:** Providing feedback for commutation in brushless motors.
* **Industrial Robotics:** High-precision joint position sensing.
---
- ⤷
What are the pinout configurations for the M2AS1 series?
- ⤷ How does a CORDIC processor calculate the angle from magnetic flux?
- ⤷ What is the recommended magnetic field strength for this sensor?