M2AS1-6314-R2
AI

The **M2AS1-6314-R2** is a specific electronic component typically identified as a **Network Transformer** or **LAN Magnetics Module**. These parts are critical in Ethernet communication interfaces for isolation and signal conditioning.
### 1. General Specifications
The part belongs to the category of Ethernet Magnetics, designed to work between the Physical Layer (PHY) chip and the RJ45 connector.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Discrete LAN Magnetics Module |
| **Ports** | Usually Single Port (1x1) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Configuration** | Surface Mount Device (SMD) |
| **RoHS Status** | Compliant (indicated by the 'R' suffix in many series) |
---
### 2. Key Internal Components
An Ethernet magnetic module like the M2AS1-6314-R2 contains several integrated sub-components within its housing:
* **Isolation Transformers:** Provides 1500Vrms isolation to protect the sensitive PHY chip from external surges and static on the network cable.
* **Common Mode Chokes (CMC):** Filters out electromagnetic interference (EMI) and noise to ensure signal integrity.
* **Center Taps:** Used for impedance matching and to provide a path for DC current in Power over Ethernet (PoE) applications (if supported).
---
### 3. Electrical Characteristics
While specific datasheets vary by manufacturer (often associated with brands like UDE or similar OEM suppliers), the "6314" series typically follows these parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Turns Ratio** | 1CT:1CT (Transmitter & Receiver) |
| **Insertion Loss** | -1.1 dB Max (1-100MHz) |
| **Return Loss** | -18 dB Min (1-30MHz) |
| **Crosstalk** | -35 dB Min (1-100MHz) |
| **Hipot Isolation** | 1500 Vrms |
---
### 4. Application Use Cases
The M2AS1-6314-R2 is found in hardware that requires wired internet connectivity:
1. **Network Switches/Routers:** To handle the physical layer of data transmission.
2. **Industrial PCs:** Providing robust galvanic isolation in harsh environments.
3. **Embedded Systems:** On-board Ethernet for IoT gateways or controllers.
---
- ⤷
What is the pinout configuration for the M2AS1-6314-R2?
- ⤷ Is this specific model compatible with Power over Ethernet (PoE)?
- ⤷ Which manufacturers are the primary suppliers for this part number?