M2AS1-6322-R2/N
AI

The **M2AS1-6322-R2/N** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive) carrier cards** or **adapter modules**, often used in server and storage networking environments (such as those from AIC or specialized industrial PC manufacturers).
Below is a breakdown of the electronic components and technical specifications associated with this type of hardware.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 to PCIe Adapter / Carrier Card |
| **Interface** | PCIe Gen 3 or Gen 4 (Backward compatible) |
| **Slot Support** | Supports M.2 M-Key (NVMe) |
| **Size Support** | Typically supports 2242, 2260, 2280, and 22110 lengths |
| **Power Input** | Derived from PCIe Slot (12V) converted to 3.3V |
---
### 2. Key Electronic Subsystems
The board functions as a bridge between the M.2 storage media and the host system. Its circuitry includes:
#### A. Power Management (VRM)
Because M.2 NVMe drives require a stable **3.3V** supply and PCIe slots provide **12V**, the board contains:
* **Step-down Buck Regulators:** Converts 12V to 3.3V efficiently.
* **Filtering Capacitors:** Large electrolytic or tantalum capacitors to smooth voltage ripples and prevent data corruption during power spikes.
#### B. Signal Integrity & PCIe Lane Routing
* **Differential Pairs:** High-speed traces designed with specific impedance (usually 85-100 ohms) to maintain signal integrity for PCIe data.
* **Clock Buffers:** Ensures the reference clock (RefClk) reaches the SSD without jitter.
#### C. Safety and Monitoring
* **eFuse / Current Limiters:** Protects the motherboard from shorts if the SSD fails.
* **LED Indicators:**
* *Green/Blue:* Power Status.
* *Amber/Blinking:* Data Activity (IO).
---
### 3. Physical Layout Components
1. **M.2 Connector:** A high-density 75-pin connector (M-Key).
2. **Mounting Standoffs:** Adjustable points to secure different lengths of SSDs.
3. **Gold Fingers:** The PCIe x4 or x8 edge connector that plugs into the motherboard.
4. **Heat Dissipation:** Often includes thermal pads or a copper-weighted PCB layer to act as a heatsink.
---
### 4. Typical Use Cases
* **Enterprise Servers:** Adding high-speed boot drives to 1U/2U servers.
* **Workstations:** Expanding NVMe storage in systems lacking onboard M.2 slots.
* **Industrial Computing:** Reliable storage interfacing in rugged environments.
- ⤷
What is the maximum PCIe bandwidth supported by the R2/N revision?
- ⤷ Does this module support SATA-based M.2 drives or only NVMe?
- ⤷ Are there specific firmware requirements for the host motherboard to recognize this card?