Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6324-R/CE

  • AI
    The **M2AS1-6324-R/CE** is a specialized high-performance industrial computing component, typically associated with the **Advantech M2AS series** or similar high-end embedded GPU/AI acceleration modules. These are often used in edge computing, medical imaging, and autonomous systems. Below is a breakdown of the electronic parts, specifications, and architecture typical for this class of device. --- ### 1. Core Technical Specifications This device is generally an **MXM (Mobile PCI Express Module)** based on the NVIDIA Ampere or Turing architecture, designed for embedded environments where space is limited but high computational power is required. | Feature | Specification Details | | :--- | :--- | | **GPU Architecture** | Often based on NVIDIA RTX series (e.g., A1000 or A2000 Embedded) | | **Interface** | MXM 3.1 Type A or Type B | | **Memory Capacity** | 4GB to 8GB GDDR6 | | **Memory Bandwidth** | Up to 192 GB/s | | **TGP (Total Graphics Power)** | 35W - 60W (Adjustable for thermal constraints) | | **Display Support** | Up to 4x DisplayPort 1.4a outputs | --- ### 2. Key Electronic Components The module consists of several critical sub-systems: #### A. The GPU Die (Integrated Circuit) The heart of the module is the Graphics Processing Unit. For this specific range, it utilizes **CUDA Cores** for parallel processing and **Tensor Cores** for AI/Deep Learning acceleration. #### B. VRAM (Video Random Access Memory) Surrounding the GPU are GDDR6 memory chips. These provide the high-speed data buffer necessary for high-resolution textures or large AI datasets. #### C. Power Management Integrated Circuits (PMIC) Because these modules draw significant current at low voltages (0.8V - 1.2V), they feature: * **Multi-phase VRMs (Voltage Regulator Modules):** To convert the 12V input from the carrier board into stable power for the GPU. * **Solid Capacitors:** For ripple filtering and power stability. #### D. Thermal Interface & Sensors * **Thermistor:** On-board sensors that monitor the junction temperature ($T_j$). * **Heat Spreader:** A precision-machined copper or aluminum plate that covers the GPU and RAM to transfer heat to the system's cooling solution. --- ### 3. Connection and Integration The "R/CE" suffix often denotes specific certifications or revisions: * **"R":** Often stands for Revision or RoHS compliance. * **"CE":** Indicates European Conformity (CE) certification for safety and EMI (Electromagnetic Interference) standards. #### Pinout Functions: 1. **PCIe Lanes:** Usually x8 or x16 Gen 4 lanes for data communication with the CPU. 2. **DDC/AUX:** Communication channels for detecting monitor types and EDID data. 3. **System Management Bus (SMBus):** For low-level health monitoring of the module by the BIOS/UEFI. --- ### 4. Typical Applications * **Medical Equipment:** Real-time 3D ultrasound or MRI reconstruction. * **Edge AI:** Real-time video analytics and object detection in smart cities. * **Military/Aerospace:** Radar signal processing and ruggedized display systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact NVIDIA GPU core used in this specific model?
    • ⤷ Is this module compatible with standard MXM 3.1 carrier boards?
    • ⤷ What are the thermal management requirements for the 60W power envelope?