Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6324-R2/CE

  • AI
    The **M2AS1-6324-R2/CE** is a specialized electronic module, typically associated with **Mecapion (LS Electric)** industrial automation systems. It functions as an **Analog Output Module** for the XGT or XMC series PLC/Motion Controller platforms. --- ## 1. Technical Specifications This module is designed to convert digital values from a controller into precise analog signals to drive external devices like VFDs (Variable Frequency Drives) or Proportional Valves. | Feature | Specification | | :--- | :--- | | **Output Type** | Analog Output (Voltage/Current) | | **Number of Channels** | 2 Channels | | **Output Range (Voltage)** | 0 ~ 5V, 1 ~ 5V, 0 ~ 10V, -10 ~ 10V | | **Output Range (Current)** | 4 ~ 20mA, 0 ~ 20mA | | **Resolution** | 14-bit or 16-bit (depending on configuration) | | **Isolation** | Photo-coupler isolation between internal logic and I/O | | **Connector Type** | Terminal Block / R-Series Interface | --- ## 2. Core Electronic Components The internal architecture of the M2AS1-6324-R2/CE consists of several key electronic stages: ### A. Digital-to-Analog Converter (DAC) * **Function:** The heart of the module. It takes the binary data from the CPU and converts it into a proportional voltage level. * **Precision:** High-resolution DACs ensure smooth transitions, which is critical for motion control applications. ### B. Signal Conditioning & Buffering * **Operational Amplifiers (Op-Amps):** Used to scale the DAC output to the desired industry-standard ranges (e.g., boosting a 0-3.3V internal signal to a -10V to +10V range). * **Filtering:** Capacitors and inductors are utilized to remove high-frequency noise that could interfere with sensitive equipment. ### C. Isolation Circuitry * **Optoisolators:** Protects the main controller's CPU from electrical surges or ground loops occurring on the field-side wiring. * **DC-DC Converter:** Provides isolated power to the output side of the module to maintain complete electrical separation. ### D. Protection Circuitry * **Overcurrent Protection:** Resettable fuses or current-limiting circuits to prevent damage if the output is short-circuited. * **TVS Diodes:** Transient Voltage Suppressors to protect against Electrostatic Discharge (ESD). --- ## 3. Application Areas Because this module supports high-speed analog output, it is commonly used in: 1. **Speed Control:** Sending a 0-10V signal to a Motor Inverter. 2. **Valve Actuation:** Controlling the position of hydraulic or pneumatic proportional valves. 3. **Process Control:** Regulating heaters via Power Regulators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current consumption of this module from the backplane?
    • ⤷ How do you configure the output range between Voltage and Current mode?
    • ⤷ What is the specific sampling or conversion time for each channel?