Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6332-R/N

  • AI
    The **M2AS1-6332-R/N** is a specialized high-performance RF (Radio Frequency) component, typically categorized as a **Surface Mount (SMT) Directional Coupler** or a specific type of **Power Splitter/Combiner**, depending on the manufacturer (often associated with brands like Mini-Circuits or specialized RF vendors). Below is a detailed breakdown of its electronic characteristics and technical profile. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler / RF Passive Component | | **Frequency Range** | Typically broad-band (e.g., 5 MHz to 1000+ MHz) | | **Impedance** | 50 Ohms (Standard) | | **Package Type** | Surface Mount Device (SMD/SMT) | | **Coupling Value** | Often 6dB to 20dB (depending on specific dash suffix) | | **Configuration** | 6-pin or 8-pin layout (Case style: AT224 or similar) | | **RoHS Status** | Compliant (Indicated by the "R" suffix) | --- ### 2. Functional Analysis This part is designed to sample a small portion of a signal traveling through a transmission line without significantly disturbing the main signal flow. * **Directional Coupling:** It separates signals based on the direction of propagation. It has an "Input" port, an "Output" port (main line), and a "Coupled" port. * **Isolation:** The "N" in the suffix often refers to high isolation characteristics, ensuring that the reflected signal does not interfere with the coupled output. * **Low Insertion Loss:** Engineered to ensure that the power drop between the input and the main output is kept to a minimum. --- ### 3. Internal Construction The internal circuitry usually consists of: 1. **Transmission Lines:** Precision-etched copper or ceramic-based lines. 2. **Transformer Coils:** Tiny ferrite-core transformers used to achieve the coupling effect via electromagnetic induction. 3. **Termination Resistors:** High-precision resistors integrated to absorb unwanted reflections. --- ### 4. Common Applications Due to its form factor and frequency response, the M2AS1-6332-R/N is commonly found in: * **Cable TV (CATV) Infrastructure:** Distribution of signals across residential networks. * **Signal Monitoring:** Tapping into a line to measure power levels without breaking the circuit. * **Power Control Loops:** Providing feedback to an amplifier's Automatic Gain Control (AGC). * **Test & Measurement Equipment:** Used in signal generators and analyzers. --- ### 5. Mounting and Layout Considerations When designing a PCB for this part, engineers must follow these guidelines: ```markdown * Grounding: Ensure all ground pins are connected to a solid ground plane to prevent parasitic inductance. * Trace Width: Calculate PCB trace widths to maintain a 50-ohm characteristic impedance. * Thermal: Though passive, ensure clearance from high-heat components to maintain signal stability. ```
    ✨ Follow-up Questions
    • ⤷What is the exact coupling loss for the M2AS1-6332-R/N at 500 MHz?
    • ⤷ Can this component be used in 75-ohm CATV systems?
    • ⤷ What are the recommended soldering temperature profiles for this SMD package?