Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6333-R2/N

  • AI
    The **M2AS1-6333-R2/N** is a specialized electronic component, typically categorized as a **Surface Mount (SMT) Magnetic Buzzer** or an **Electromagnetic Transducer**. These components are widely used in consumer electronics, industrial alarms, and automotive indicators to provide audible feedback. --- ### 1. Technical Specifications The part number typically corresponds to a high-performance acoustic transducer. Below are the general technical parameters for this series: | Parameter | Value (Typical) | | :--- | :--- | | **Rated Voltage** | 3.6 V (Commonly ranges 3V - 5V) | | **Operating Voltage** | 2.5 ~ 4.5 V | | **Current Consumption** | Max 100 mA | | **Sound Pressure Level (SPL)** | ≥ 85 dB (at 10cm distance) | | **Resonant Frequency** | 2730 Hz ~ 3100 Hz | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount Device (SMD/SMT) | --- ### 2. Physical Characteristics & Construction The "M2AS" series is designed for automated assembly processes. * **Housing:** High-temperature plastic (LCP or PPS) capable of withstanding **reflow soldering** temperatures (up to 260°C). * **Acoustic Port:** Usually top-firing or side-firing (depending on the specific "R" revision). * **Dimensions:** Small footprint (e.g., 9x9mm or 12x12mm) to save PCB real estate. * **Lead-Free:** Compliant with RoHS standards. --- ### 3. Pinout and Circuit Integration As an **electromagnetic transducer**, this part requires an external drive circuit (it is not a "plug-and-play" indicator with a built-in oscillator). #### Basic Drive Circuit Requirements: To generate sound, you must apply a square wave at the specified **Resonant Frequency**. 1. **Transistor Switching:** Usually driven by an NPN transistor or MOSFET. 2. **Flyback Diode:** A diode is often placed in parallel with the buzzer to protect the circuit from back-EMF spikes caused by the internal coil. 3. **Microcontroller (MCU) Control:** The MCU outputs a PWM signal to the base of the transistor to toggle the buzzer. ```cpp // Example: Driving the buzzer at 2730Hz using Arduino void setup() { pinMode(9, OUTPUT); // Buzzer pin } void loop() { tone(9, 2730); // Send 2.73kHz square wave delay(500); // Wait 500ms noTone(9); // Stop sound delay(1000); } ``` --- ### 4. Applications * **Consumer Electronics:** Microwave ovens, washing machines, and smart home hubs. * **Medical Devices:** Portable monitors and glucose meters. * **Automotive:** Dashboard alerts and parking sensor feedback. * **Industrial:** Error indicators on control panels.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical footprint size for the M2AS1 series?
    • ⤷ Does this model require a specific PWM duty cycle for optimal sound pressure?
    • ⤷ What are the key differences between a magnetic transducer and a piezo buzzer?