Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6334-R/N

  • AI
    The part number **M2AS1-6334-R/N** typically refers to a specialized high-performance coaxial connector or an RF switch assembly often used in telecommunications and test equipment. Below is a breakdown of its technical characteristics and electronic components. ### 1. Technical Specifications The M2AS1 series is generally associated with microwave components designed for precision signal routing. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Coaxial Switch / RF Relay | | **Configuration** | SPDT (Single Pole Double Throw) or Transfer Switch | | **Frequency Range** | DC to 18 GHz (Typical for this series) | | **Impedance** | 50 Ohms | | **Actuator Voltage** | Usually 12V or 28V DC | | **Connector Type** | SMA Female | --- ### 2. Key Electronic Parts and Construction The internal architecture of such a device consists of several critical sub-assemblies: #### A. Actuator System * **Solenoid Coils:** These convert electrical energy into mechanical movement to toggle the RF path. * **Return Springs:** Ensures the switch returns to a "failsafe" position if power is lost (depending on the specific model suffix). #### B. RF Contact Assembly * **Gold-Plated Contacts:** To ensure low insertion loss and high repeatability, the switching contacts are usually plated with high-purity gold. * **Reed or Blade Mechanism:** A physical metal bridge that moves to connect the center conductor of the input port to the desired output port. #### C. Control Interface * **Solder Pins or D-Sub:** The interface used to provide the trigger voltage to the internal coils. * **Suppression Diodes:** Often included internally to prevent Voltage Spikes (back-EMF) when the coil is de-energized, protecting the driving circuitry. --- ### 3. Suffix Breakdown (R/N) In RF component nomenclature, the suffixes often denote specific environmental or electrical configurations: * **-R:** Often signifies **RoHS Compliance** (Lead-free construction). * **-N:** Can signify a specific **Narrowband** tuning or a **Non-latching** (failsafe) actuator type. --- ### 4. Applications These parts are commonly found in: 1. **Automated Test Equipment (ATE):** Switching between multiple signal sources and a single spectrum analyzer. 2. **Satellite Communications:** Routing backup signals in case of primary link failure. 3. **Base Stations:** RF signal distribution in cellular infrastructure.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling capacity for the M2AS1 series?
    • ⤷ Does this model support latching or failsafe operation?
    • ⤷ What is the typical insertion loss for this switch at 18GHz?