Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6334-R2

  • AI
    The **M2AS1-6334-R2** is a specialized high-performance backplane connector system, typically used in military, aerospace, and high-reliability industrial computing. It is part of the **VITA 46 (VPX)** standard ecosystem, specifically designed for OpenVPX architectures. --- ### 1. Technical Specifications This component is a multi-pin, high-density connector designed to facilitate high-speed data transfer between a plug-in module (daughtercard) and a backplane. | Feature | Specification | | :--- | :--- | | **Standard** | VITA 46.0 / VITA 65 (VPX) | | **Connector Type** | Multi-Gig RT 2-R (Ruggedized) | | **Data Rate** | Supports 10+ Gbps (Ultra-high speed) | | **Pitch** | 1.8mm to 1.35mm grid | | **Mounting Style** | Press-fit (Solderless) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Electronic Components & Features #### A. Contact Design (RT 2-R Technology) Unlike traditional pin-and-socket connectors, the "R" in the part number signifies **Ruggedized**. It uses a quad-redundant contact system. This ensures that even under extreme vibration or mechanical shock, at least one contact point remains closed to maintain signal integrity. #### B. Differential Pair Signaling The internal geometry is optimized for differential signaling. This reduces: * **Crosstalk:** Shielding between signal pairs prevents interference. * **Insertion Loss:** High-grade copper alloys with gold plating minimize signal degradation over high frequencies. #### C. Press-Fit Termination The "Electronic" interface with the PCB is a "compliant pin" or "eye-of-the-needle" design. This allows for a gas-tight connection without the heat stress of soldering, which is critical for multilayer thick backplanes. --- ### 3. Application Use Cases Due to its robust nature, the M2AS1-6334-R2 is found in the following electronic environments: 1. **Radar & Signal Processing:** Handling massive data throughput from sensor arrays. 2. **Electronic Warfare (EW):** Reliable performance in high-interference environments. 3. **SDR (Software Defined Radio):** Maintaining low-latency high-speed paths for RF data. 4. **Embedded Computing:** Standard interconnect for 3U and 6U VPX blades. --- ### 4. Comparison to Standard RT 2 | Feature | Standard RT 2 | RT 2-R (Ruggedized) | | :--- | :--- | :--- | | **Vibration Tolerance** | Standard Industrial | Extreme (MIL-STD-810) | | **Durability** | 200 Cycles | 500+ Cycles | | **Contact Points** | 2 Points | 4 Points (Redundant) |
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M2AS1-6334-R2?
    • ⤷ How does the press-fit installation process differ from wave soldering for these connectors?
    • ⤷ Which VPX slot profiles typically utilize this specific connector model?