Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6334-R2/CE

  • AI
    The **M2AS1-6334-R2/CE** is a specialized high-power electronic component, typically categorized as a **Solid State Relay (SSR)** or a Power Switching Module, often utilized in industrial automation and heating control systems. --- ### 1. General Specifications Based on the part numbering convention common for this series, here are the primary electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / AC Switch | | **Control Voltage** | 3 - 32 VDC (Typical for logic-level control) | | **Load Voltage** | 24 - 440 VAC (High Voltage AC) | | **Load Current** | 25A to 40A (Depending on heatsink configuration) | | **Switching Mode** | Zero-Cross Switching (Reduces EMI/RFI) | | **Certifications** | CE Marked (Compliant with EU safety standards) | --- ### 2. Internal Electronic Parts & Architecture The device is composed of several key semiconductor layers that allow it to function without moving parts: #### A. Input Circuit (Optical Isolation) * **Optocoupler:** The core input component. It uses an internal LED and a phototransistor/phototriac to transfer the signal across a physical gap using light. * **Purpose:** Provides galvanical isolation (often up to 4000V) between the low-voltage PLC/Microcontroller and the high-voltage AC load. #### B. Zero-Crossing Detector * **IC Logic:** This circuit ensures the device only turns "ON" when the AC sine wave passes through zero volts. * **Electronic Benefit:** This prevents large current in-rushes, protecting the load (like heaters or motors) and reducing electromagnetic interference (EMI). #### C. Power Switching Element * **Triac or Back-to-Back Thyristors (SCRs):** These are the high-power semiconductors that handle the actual current. * **Heat Dissipation:** These parts generate heat during conduction, which is why the module usually features a metal baseplate for mounting to an external heatsink. --- ### 3. Pinout and Connection Diagram The device typically follows the standard industrial SSR four-terminal layout: | Terminal | Label | Description | | :--- | :--- | :--- | | **1** | L1 / Load (+) | High Voltage AC Input | | **2** | T1 / Load (-) | Switched AC Output to Load | | **3** | Control (+) | DC Positive (Signal from PLC/Arduino) | | **4** | Control (-) | DC Ground / Common | --- ### 4. Application Use Cases * **PID Temperature Control:** Used with heaters where frequent switching would wear out mechanical relays. * **Motor Control:** Soft-starting or simple ON/OFF control for small AC motors. * **Industrial Lighting:** Controlling large banks of LED or incandescent lights. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M2AS1 series?
    • ⤷ How does zero-cross switching differ from random-fire switching in this module?
    • ⤷ What type of heatsink is recommended for a 30A load using this part?