Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6341-R

  • AI
    The **M2AS1-6341-R** is a specific electronic component, typically categorized as a **D-Subminiature (D-Sub) connector**. These connectors are widely used in computing, telecommunications, and industrial control systems for serial data transfer and power supply. Below is a detailed breakdown of its electronic and mechanical specifications. --- ## 1. Component Overview The "M2AS1-6341-R" part number follows a standard naming convention for high-density or standard D-sub connectors, often manufactured by companies like **FCI (Amphenol)** or **Adam Tech**. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | D-Subminiature | | **Gender** | Receptacle (Socket/Female) | | **Orientation** | Right Angle (90-degree PCB Mount) | | **Number of Positions** | 9, 15, or 25 (Varies by specific series suffix) | | **Mounting Type** | Through-Hole (THT) | | **Termination** | Solder | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Key Electronic Characteristics The electrical performance of this connector is designed for low-to-medium voltage data signaling. * **Current Rating:** Typically **3A to 5A** per contact. * **Voltage Rating:** Approximately **250V AC/DC**. * **Contact Resistance:** $\le 15 \text{ m}\Omega$ (milliohms) to ensure minimal signal loss. * **Insulation Resistance:** $\ge 1000 \text{ M}\Omega$ at 500V DC to prevent leakage between pins. * **Dielectric Withstanding Voltage:** Can usually withstand **1000V AC** for one minute. --- ## 3. Physical & Material Composition The materials used are critical for durability and conductivity. ### Materials * **Housing:** High-temperature thermoplastic (usually UL 94V-0 rated PBT or Nylon). * **Contacts:** Copper Alloy (Brass or Phosphor Bronze). * **Plating:** Gold plating on the contact area (for conductivity) and Tin on the solder tails. * **Shell:** Steel with Nickel or Tin plating for EMI/RFI shielding. ### Mechanical Features 1. **Right-Angle Bend:** The pins are bent at 90 degrees, allowing the connector to sit on the edge of a Printed Circuit Board (PCB). 2. **Boardlocks:** Often includes "harpoons" or boardlocks to hold the connector in place during the soldering process. 3. **Jack Screws:** Features threaded holes (#4-40 UNC) to allow for secure thumb-screw attachment of the mating cable. --- ## 4. Application Examples * **RS-232 Serial Ports:** Used for legacy peripheral connections. * **VGA Video Output:** Often found in the 15-pin (High Density) configuration for monitors. * **Industrial PLC:** Used for programming interfaces in automation hardware.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the '6341' variant of this connector?
    • ⤷ How does the 'Right Angle' mounting compare to 'Vertical' mounting in PCB design?
    • ⤷ What are the specific environmental ratings (temperature range) for this part?