Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6342-R2/CE

  • AI
    The **M2AS1-6342-R2/CE** is a high-performance **Industrial AC Servo Motor** manufactured by **Moog**. This specific series is designed for applications requiring high dynamic response, precision, and reliability in harsh industrial environments. --- ### Technical Specifications & Electronic Components The electronic and electromechanical composition of this motor can be broken down into the following key segments: #### 1. Internal Winding and Magnetics | Component | Specification/Detail | | :--- | :--- | | **Motor Type** | Brushless Permanent Magnet Synchronous Motor (PMSM) | | **Magnet Material** | Rare-earth magnets (high flux density) | | **Winding Insulation** | Class F (up to 155°C) | | **Pole Count** | Typically 8 or 10 poles (optimized for low cogging torque) | #### 2. Feedback System (The "CE" Designation) The feedback mechanism is the most critical electronic part of the servo, ensuring the drive knows the exact position of the rotor. * **Encoder/Resolver:** Usually equipped with a high-resolution **SinCos Encoder** or a **Resolver**. * **Interface:** The "CE" suffix often denotes compliance with European standards and specific connector configurations (likely M23 circular connectors). * **Thermal Protection:** Integrated **PTC thermistors** or **KTY sensors** within the windings to prevent overheating by sending real-time data to the servo drive. #### 3. Electrical Characteristics | Parameter | typical Value (Series Range) | | :--- | :--- | | **Nominal Voltage** | 325V - 560V DC Bus | | **Rated Speed** | Up to 3,000 - 6,000 RPM (depending on configuration) | | **Ingress Protection** | IP65 (Standard) / IP67 (Optional) | --- ### Key Electronic Features * **Low Inertia Rotor:** The electronic design focuses on a narrow rotor diameter to allow for rapid acceleration and deceleration. * **High Overload Capacity:** The internal electronics and insulation are designed to handle 3x to 5x the rated current for short durations. * **Electronic Nameplate:** Many Moog motors include an integrated memory chip in the encoder that stores motor parameters, allowing for "Plug-and-Play" commissioning with Moog Servo Drives (like the DS2000 series). --- ### Common Applications 1. **Injection Molding:** High-speed clamping and injection. 2. **Metal Forming:** Press feeds and CNC machining. 3. **Packaging:** High-speed Pick-and-Place robotics. 4. **Flight Simulation:** Used in motion bases due to high torque density. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible Moog servo drive models for this motor?
    • ⤷ How do I interpret the 'R2' portion of the part number?
    • ⤷ What are the maintenance requirements for the feedback encoder in this model?