Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6342-R2/Q

  • AI
    The **M2AS1-6342-R2/Q** is a specialized electronic component, typically classified as a **High-Frequency (HF) Magnetic Component**, specifically a **Planar Transformer** or a specialized **Inductor** used in power electronics. These are frequently found in telecommunications, aerospace, and high-efficiency power converters. ### 1. Component Overview This part belongs to a class of surface-mount devices (SMD) designed for high power density and low profile applications. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Planar Transformer / Magnetic Module | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | High-frequency Ferrite | | **Typical Application** | DC-DC Converters, PoE (Power over Ethernet), VRMs | | **Configuration** | Multi-layer PCB winding technology | --- ### 2. Key Electronic Characteristics The "M2AS" series generally focuses on efficiency and thermal management. Here are the core electronic aspects: * **Planar Technology:** Unlike traditional wire-wound transformers, this part uses flat copper foils or traces on a PCB. This results in extremely low **Leakage Inductance** and high consistency in electrical parameters. * **High Power Density:** Because of the flat shape, it has a high surface-area-to-volume ratio, allowing for excellent heat dissipation. * **Operating Frequency:** Typically optimized for switching frequencies between **200 kHz and 1 MHz**. * **Isolation:** Designed to meet specific dielectric withstand voltages (often 1500VDC or higher) between primary and secondary windings. --- ### 3. Pinout and Circuit Integration In a typical power circuit, the M2AS1-6342-R2/Q would be integrated as follows: ```mermaid graph LR Vin[Input Voltage] --> SW[Switching MOSFET] SW --> P1[M2AS1 Primary Pin 1] P1 --> P2[M2AS1 Primary Pin 2] P2 --> GND[Ground] S1[M2AS1 Secondary Pin 3] --> Rect[Rectifier/Diode] Rect --> Vout[Output Voltage] ``` --- ### 4. Technical Nomenclature Breakdown While specific to the manufacturer (often associated with brands like **Pulse Electronics** or **Payton Planar**), the suffix codes usually indicate: * **6342:** Dimensional footprint or specific electrical turn ratio. * **R2:** Revision 2 or a specific Resistance/Inductance binning. * **Q:** Often denotes **Automotive Grade** (AEC-Q200) or a specific quality testing standard. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific turn ratio for the M2AS1-6342-R2/Q model?
    • ⤷ How does planar transformer efficiency compare to traditional wire-wound transformers?
    • ⤷ What are the thermal management requirements for mounting this component on a PCB?