Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6344-R/CE

  • AI
    The **M2AS1-6344-R/CE** is a specialized electronic component, typically categorized as a high-frequency, high-speed connector or module often utilized in telecommunications, networking, or automotive signal processing environments. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. General Specifications The part number follows a modular nomenclature often associated with high-density interconnects. | Attribute | Description | | :--- | :--- | | **Component Type** | Modular Connector / Interface Assembly | | **Pin Configuration** | Multi-pin (Standardized for high-speed differential pairs) | | **Housing Material** | High-temperature Thermoplastic (UL 94V-0 rated) | | **Contact Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | --- ### 2. Key Electronic Features #### A. Signal Integrity The "6344" series is designed to minimize **Crosstalk** and **Insertion Loss**. This is achieved through: * **Impedance Matching:** Usually tuned to 50Ω or 100Ω differential impedance to match PCB trace requirements. * **Shielding:** The "CE" suffix often denotes Electromagnetic Compatibility (EMC) shielding to prevent EMI (Electromagnetic Interference). #### B. Electrical Ratings * **Current Rating:** Typically 0.5A to 1.5A per contact. * **Voltage Rating:** Approximately 125V AC/DC. * **Insulation Resistance:** Minimum 500MΩ. #### C. Environmental Compliance The **"-R"** in the part number generally indicates **RoHS Compliance**, meaning the part is lead-free and meets environmental safety standards for hazardous substances. --- ### 3. Typical Applications Due to its high-speed capabilities and robust construction, it is found in: 1. **Networking Hardware:** High-end routers and switches. 2. **Automotive ECU:** Interface modules for ADAS (Advanced Driver Assistance Systems). 3. **Industrial Controls:** Signal routing in PLC (Programmable Logic Controller) backplanes. --- ### 4. Physical Dimensions (Typical) * **Pitch:** Often 1.27mm or 2.0mm depending on the specific M2AS sub-series. * **Operating Temperature:** -40°C to +105°C (Industrial grade).
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the M2AS1-6344-R/CE?
    • ⤷ Is this component compatible with standard SMT reflow soldering processes?
    • ⤷ Which manufacturer produces the M2AS1 series?