Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6414-R

  • AI
    The **M2AS1-6414-R** is a specific electronic component typically associated with high-frequency RF (Radio Frequency) applications. It is a **Surface Mount (SMT) Directional Coupler**, often utilized in telecommunications and signal processing. --- ### 1. General Specifications Directional couplers like the M2AS1-6414-R are passive devices used to sample a specific amount of power from a transmission line without significantly disrupting the main signal flow. | Feature | Description | | :--- | :--- | | **Component Type** | Directional Coupler | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Common Application** | Power monitoring, signal leveling, and VSWR measurement | | **Structure** | Multi-layer ceramic or ferrite-based core | ### 2. Key Electronic Characteristics While specific datasheets can vary by manufacturer (often associated with brands like *Mini-Circuits* or *MACOM* equivalents), these parts generally follow these electronic principles: * **Frequency Range:** Designed to operate in high-frequency bands (L-band, S-band, or specific cellular frequencies). * **Coupling Value:** The "-6" or "-14" in similar part numbering often refers to the nominal coupling factor in decibels (dB), indicating how much power is diverted to the coupled port. * **Insertion Loss:** Measures the power lost from the input to the output port. High-quality couplers aim for minimal insertion loss. * **Directivity:** The ability of the device to differentiate between forward and backward traveling waves. ### 3. Pinout and Internal Logic A standard directional coupler of this series typically features a 4-port or 6-port configuration: 1. **Input Port (P1):** Where the signal enters. 2. **Output Port (P2):** Where the main signal exits (attenuated by insertion loss). 3. **Coupled Port (P3):** Where a fraction of the input power is sampled. 4. **Isolated/Terminated Port (P4):** Usually terminated with a 50-ohm load to ensure signal integrity. ### 4. Common Applications * **Power Amplifiers:** To monitor the output power and provide feedback to the gain control circuit. * **Antenna Systems:** To measure reflected power (Return Loss) to ensure the antenna is properly tuned. * **Signal Sampling:** For test equipment measurements without breaking the circuit path. ---
    ✨ Follow-up Questions
    • ⤷What is the specific frequency range for the M2AS1 series?
    • ⤷ How do I calculate insertion loss versus coupling loss in this part?
    • ⤷ What are the common footprints for SMT directional couplers?