Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6414-R2/Q

  • AI
    The **M2AS1-6414-R2/Q** is a specialized electronic component, typically identified as a high-density, high-frequency **connector or cable assembly** (often part of the M2A series by manufacturers like Winchester/Kings or similar RF specialty brands). These parts are primarily used in telecommunications, broadcasting, and high-speed data environments. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Micro-miniature Interface | | **Impedance** | Typically 75 Ohms (standard for broadcast/video) | | **Frequency Range** | DC to 3 GHz (optimized for HD-SDI signals) | | **Termination Style** | Crimp or Solder (depending on specific R2 variant) | | **Contact Material** | Gold-plated Beryllium Copper or Brass | | **Durability** | 500+ Mating Cycles | --- ### 2. Physical Construction The part is designed for high-density environments where space is at a premium (e.g., router backplanes). * **Housing:** Usually a nickel-plated zinc or brass body for EMI/RFI shielding. * **Dielectric:** PTFE (Teflon) is used to ensure low signal loss and high thermal stability. * **"Q" Suffix:** Often denotes "Quick-connect" or a specific "Quality" grade (Military/Space grade testing) depending on the manufacturer’s internal coding. * **"R2" Suffix:** Generally refers to a revision code or a specific right-angle orientation/configuration. --- ### 3. Application Areas These parts are engineered for reliability in "mission-critical" signal paths: 1. **Broadcast Television:** Used in HD-SDI and 3G-SDI video routing switchers. 2. **Telecommunications:** High-speed digital cross-connects (DS3/DS4). 3. **Medical Imaging:** High-resolution video data transmission in diagnostic equipment. 4. **Aerospace:** Lightweight, high-vibration resistant connections. --- ### 4. Comparison to Standard BNC | Feature | M2AS Series | Standard BNC | | :--- | :--- | :--- | | **Size** | Micro-miniature (High Density) | Large (Standard) | | **Weight** | Very Low | Moderate | | **Packaging** | Allows 4x the density of BNC | Limited by physical size | | **Locking** | Push-pull or Snap-on | Bayonet (Twist-lock) | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet link for the Winchester M2AS series?
    • ⤷ How do I calculate the signal loss for this connector at 3GHz?
    • ⤷ Are there specialized crimping tools required for the R2 revision?