Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-6424-R2/Q

  • AI
    The **M2AS1-6424-R2/Q** is a high-performance networking module designed for high-density data centers and cloud computing environments. It is part of the Mellanox (now NVIDIA Networking) Spectrum-2 product family. --- ### 1. Component Overview This part is a high-density **Ethernet Switch System/Module**. It is designed to provide massive bandwidth and low latency for leaf-and-spine network architectures. | Feature | Specification | | :--- | :--- | | **Manufacturer** | NVIDIA (formerly Mellanox) | | **Core Silicon** | Spectrum-2 (SN3000 Series architecture) | | **Max Throughput** | Up to 6.4 Tb/s | | **Form Factor** | 1U Rack Mountable | | **Port Configuration** | Typically 64 ports of 100GbE or 24/32 ports of 200GbE | --- ### 2. Key Electronic Characteristics The module utilizes advanced semiconductor technology to manage high-speed data packets. * **ASIC Technology:** Built on the **Spectrum-2** silicon, which uses a 16nm process node. This allows for high port density without excessive power consumption. * **Buffer Architecture:** Features a fully shared packet buffer. Unlike traditional switches that segment memory, this allows any port to utilize the entire buffer pool to prevent packet loss during bursts. * **Processing Engine:** Includes an integrated hardware-based telemetry engine (**What Just Happened - WJH**) that monitors the health of the electronic signals and packet flow in real-time. --- ### 3. Physical & Interface Components The electronic assembly consists of several sub-systems: #### A. High-Speed SerDes The SerDes (Serializer/Deserializer) is the heart of the I/O. It converts parallel data from the ASIC into high-speed serial signals for the optical transceivers. * **Modulation:** Uses PAM4 (Pulse Amplitude Modulation 4-level) to achieve 50Gb/s per lane. #### B. Power Management The unit contains sophisticated Power Management Integrated Circuits (PMICs) to handle: * **Redundant Power:** Support for dual hot-swappable AC/DC PSUs. * **Voltage Regulation:** High-efficiency VRMs to step down power for the low-voltage, high-current ASIC core. #### C. Control Plane * **CPU:** Usually an integrated x86 or ARM-based management processor. * **Memory:** ECC DDR4 RAM for the control plane and Flash storage for the Network Operating System (NOS) like ONIE, Cumulus Linux, or SONiC. --- ### 4. Part Number Breakdown (Typical) While internal codes vary, the string generally identifies: 1. **M2AS:** Spectrum-2 Switch Assembly. 2. **6424:** Indicates port density (e.g., capability for 64x100G or specific configurations). 3. **R2:** Revision 2 of the hardware/PCB layout. 4. **Q:** Airflow direction (often indicating Back-to-Front or Front-to-Back cooling). ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption specifications for the Spectrum-2 ASIC?
    • ⤷ Which Network Operating Systems (NOS) are compatible with this hardware?
    • ⤷ What is the difference between PAM4 and NRZ modulation in these switches?