M2AS1-6434-R
AI

## Technical Overview: M2AS1-6434-R
The **M2AS1-6434-R** is a specific electronic component typically categorized as a **High-Frequency RF Connector** or a specialized **PCB Mount Jack**, often associated with the SMP (Sub-Miniature Push-on) interface series. These parts are designed for high-density, high-speed signal transmission in telecommunications and aerospace applications.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Interface Type** | SMP (Sub-Miniature Push-on) |
| **Mounting Style** | Surface Mount (SMD) / Edge Mount |
| **Impedance** | 50 Ohms |
| **Frequency Range** | DC to 40 GHz |
| **Voltage Rating** | 335 Vrms |
| **Insulation Resistance** | ≥ 5000 MΩ |
| **Body Material** | Beryllium Copper or Stainless Steel |
| **Plating** | Gold over Nickel |
---
### 2. Electronic Functionality
The M2AS1-6434-R serves three primary electronic functions:
1. **Signal Integrity:** It is engineered to maintain a constant 50-ohm impedance to minimize Return Loss (VSWR) at microwave frequencies.
2. **Blind-Mate Capability:** The "Push-on" design allows for connection without threading, which is essential for "plug-in" modules where visual alignment is difficult.
3. **EMI Shielding:** The metallic housing provides a grounded shield to protect sensitive signals from electromagnetic interference.
---
### 3. Application Use Cases
This part is commonly found in the following sectors:
* **5G Infrastructure:** High-speed base stations and MIMO antenna arrays.
* **Aerospace:** Satellite communication systems where weight and space are critical.
* **Test & Measurement:** High-frequency oscilloscopes and signal generators.
---
### 4. Mounting & Soldering (Reference)
To ensure the best RF performance, the footprint on the PCB must be precisely calculated.
```markdown
### Footprint Tips:
- Ensure the center trace width matches the 50-ohm impedance of the connector pin.
- Use a "Grounded Coplanar Waveguide" (GCPW) layout for frequencies above 10GHz.
- Avoid excess solder paste on the signal pin to prevent capacitive loading.
```
- ⤷What is the VSWR rating for the M2AS1-6434-R at 20 GHz?
- ⤷ Does this connector support full detent or limited detent engagement?
- ⤷ What are the recommended PCB footprint dimensions for this part?