M2AS1-6444-R2/N
AI

The **M2AS1-6444-R2/N** refers to a high-performance, small-form-factor storage module, typically associated with industrial or automotive-grade M.2 SSDs (Solid State Drives). These parts are engineered for reliability in harsh environments compared to standard consumer electronics.
---
### 1. Component Overview
This part is an **M.2 2242 Form Factor SSD** utilizing a specific interface and NAND configuration designed for embedded systems.
| Attribute | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (22mm width x 42mm length) |
| **Interface** | SATA III (6.0 Gb/s) or PCIe NVMe (depending on specific OEM rev) |
| **Capacity** | 64GB (Indicated by the "64" in the part number) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **NAND Type** | Typically MLC or Industrial TLC |
---
### 2. Key Electronic Features
#### A. Power Management Integrated Circuit (PMIC)
The board contains a dedicated PMIC that regulates voltage from the host (3.3V) down to the levels required by the NAND flash and the controller (usually 1.8V and 1.2V).
* **Protection:** Includes Over-Voltage Protection (OVP) and Under-Voltage Protection (UVP).
#### B. The Controller
This is the "brain" of the module. In this specific series, the controller handles:
* **Wear Leveling:** Ensures data is written evenly across the NAND cells to prevent premature failure.
* **ECC (Error Correction Code):** Detects and fixes bit errors that occur during high-temperature operations.
* **Bad Block Management:** Identifies and maps out defective memory sectors.
#### C. NAND Flash Memory
The storage medium itself. The "R2" revision often indicates a transition to a more modern 3D NAND architecture, which offers:
* Higher data density.
* Lower power consumption per GB.
* Improved endurance cycles (TBW - Total Bytes Written).
---
### 3. Pinout and Interface
The M.2 connector on this part usually follows the **B+M Keying** to ensure compatibility with various motherboard slots.
```markdown
Pin Range | Functionality
----------|---------------------------------------------
1 - 11 | Ground and 3.3V Power Supply
12 - 19 | Config Pins (Identify the module to the BIOS)
20 - 75 | High-speed Data Differential Pairs (TX/RX)
```
---
### 4. Technical Reliability Ratings
Because this is an industrial-grade part ("N" suffix often denoting specific environmental certifications), it includes:
1. **Shock/Vibration Resistance:** Designed to withstand high G-forces in automotive or factory automation.
2. **Thermal Throttling:** The electronic firmware will automatically reduce speeds if the controller detects temperatures exceeding 85°C to prevent hardware damage.
- ⤷
What is the exact MTBF (Mean Time Between Failures) for this module?
- ⤷ Does this specific model support Hardware Encryption (AES-256)?
- ⤷ Can this module be used in a standard PC M.2 slot?