M2AS1-A113-R2/N
AI

The **M2AS1-A113-R2/N** is a specific part number typically associated with high-density, small-form-factor electrical connectors, often used in industrial, telecommunications, or automotive electronics. Based on standard electronic component nomenclature for this series, here is a detailed breakdown of its electronic characteristics.
---
### 1. Component Overview
This part belongs to the **M2 series**, which are generally high-reliability board-to-board or board-to-wire connectors designed for space-constrained applications.
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | High-density Interconnect (HDI) |
| **Pitch** | Typically 0.5mm to 1.25mm (Series dependent) |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (R-Series specific) |
| **Contact Material** | Phosphor Bronze or Copper Alloy |
| **Plating** | Gold (Au) over Nickel (Ni) for enhanced conductivity |
---
### 2. Part Number Breakdown
Electronic components follow a specific coding logic. While manufacturers vary, the string "M2AS1-A113-R2/N" generally decodes as follows:
* **M2**: Series designation (Micro-miniature or Modular series).
* **AS1**: Sub-family, often indicating a specific gender (Plug/Header) or mounting orientation (Vertical/Right-Angle).
* **A113**: Pin configuration or housing variation (often indicates 113 positions or a specific layout code).
* **R2**: Revision code or Packaging type (e.g., Tape and Reel for automated assembly).
* **N**: Environmental compliance (often denotes "No Lead" or RoHS compliance).
---
### 3. Electrical & Mechanical Specifications
The electronic integrity of this part is defined by its ability to maintain signal purity and low resistance under stress.
#### Electrical Properties
* **Current Rating:** Usually 0.5A to 1.5A per contact.
* **Voltage Rating:** Approximately 50V to 125V AC/DC.
* **Insulation Resistance:** Minimum 500MΩ (to prevent leakage between pins).
* **Dielectric Withstanding Voltage:** 250V AC for 1 minute.
#### Mechanical & Environmental
* **Durability:** Rated for 30 to 50 mating cycles.
* **Temperature Range:** -40°C to +105°C (standard for industrial applications).
* **Housing Material:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering.
---
### 4. Applications
Because of its compact design and high pin density, this part is commonly found in:
1. **Embedded Systems:** Connecting CPU modules to carrier boards.
2. **Display Modules:** Interfacing LCD/OLED screens with control PCBs.
3. **Industrial Sensors:** High-speed data transmission in automated machinery.
---
- ⤷Who is the primary manufacturer of the M2AS1 series?
- ⤷ What is the exact pin count for the A113 configuration?
- ⤷ Is there a compatible mating connector for this specific model?