M2AS1-A122-R2SLASHQ
AI

Based on the part number **M2AS1-A122-R2/Q**, this component belongs to the automotive and industrial relay family, typically manufactured by companies like **Zettler** or similar electromagnetic component specialists.
Below is a technical breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The **M2** series usually refers to subminiature signal relays or micro-automotive relays designed for PCB mounting.
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Electromagnetic Relay |
| **Coil Voltage** | 12V DC |
| **Contact Form** | 1 Form C (SPDT) or 1 Form A (SPST) |
| **Mounting Type** | Through-hole PCB |
| **Termination** | Solder Pins |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific capabilities of this component:
| Code | Meaning |
| :--- | :--- |
| **M2** | Series designation (Micro/Subminiature) |
| **AS1** | Sealing type (Sealed, wash-tight construction) |
| **A** | Contact Material (often Silver Alloy) |
| **12** | Nominal Coil Voltage (12 Volts DC) |
| **2** | Power rating/Sensitivity (indicates specific coil resistance) |
| **R2** | Modification code (Internal resistor for EMI suppression) |
| **Q** | Quality/Certification grade (Automotive grade) |
---
### 3. Key Electronic Components & Internal Design
* **Coil Unit:** The input side consists of a copper wire coil wound around an iron core. When 12V is applied, it creates a magnetic field.
* **Suppressor (R2):** The "R2" suffix indicates an **internal resistor** connected in parallel with the coil. This is used to dissipate the "back EMF" (voltage spikes) generated when the relay is turned off, protecting the driving transistor.
* **Armature & Springs:** A mechanical lever system that moves when the coil is energized.
* **Contacts:** High-conductivity metal points that open or close the secondary circuit. In the "/Q" variant, these are designed to handle automotive vibrations and temperature fluctuations.
---
### 4. Typical Applications
This specific part is frequently found in:
1. **Automotive Modules:** Power windows, central locking, and seat adjustment.
2. **Industrial Control:** Small PLC outputs and signal switching.
3. **Security Systems:** Alarm triggers and siren controls.
---
- ⤷
What is the maximum current rating for the contacts of this relay?
- ⤷ How does the internal resistor (R2) compare to using an external flyback diode?
- ⤷ Is there a cross-reference equivalent for this part from other manufacturers like Omron or TE Connectivity?