Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A124-R2/Q

  • AI
    Based on the part number **M2AS1-A124-R2/Q**, this component belongs to the automotive-grade electronics category, specifically within the realm of **Power Management and Logic Switching**. These are typically specialized MOSFETs or Load Switches used in automotive control units (ECUs). --- ### 1. Component Identification & Specifications The part number typically maps to high-reliability power semiconductors. Below is a breakdown of the standard technical characteristics for this series: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | P-Channel MOSFET / Load Switch | | **Application Grade** | Automotive (AEC-Q101 or AEC-Q100 Qualified) | | **Max Voltage (Vds)** | -20V to -30V (typical for P-channel logic) | | **Continuous Current (Id)** | 2A to 4.5A (depending on thermal dissipation) | | **Package Type** | SOT-23 or SC-59 (Surface Mount) | | **Operating Temp** | -55°C to +150°C | --- ### 2. Key Features * **AEC-Q Qualified:** The `/Q` suffix strictly denotes automotive qualification, meaning the part has undergone rigorous stress testing for vibrations, thermal cycling, and high-reliability environments. * **Low On-Resistance (Rds(on)):** Designed to minimize power loss when the switch is active, preventing heat buildup in compact ECU housings. * **Logic Level Gate Drive:** Can be triggered directly by 3.3V or 5V microcontrollers without needing a high-voltage gate driver. * **ESD Protection:** Often includes integrated Zener diodes to protect the gate from static discharge during assembly or operation. --- ### 3. Pinout Configuration For the standard **SOT-23** package usually associated with this series, the pin configuration is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Gate (G)** | Controls the "On/Off" state of the switch. | | **2** | **Source (S)** | Connected to the input power supply. | | **3** | **Drain (D)** | Connected to the load (output). | --- ### 4. Typical Applications * **Reverse Battery Protection:** Prevents damage if the battery terminals are connected backwards. * **High-Side Load Switching:** Controlling power to sensors, LED modules, or infotainment displays. * **Battery Management Systems (BMS):** Cell balancing or signal switching within the battery pack. * **Power Rail Sequencing:** Ensuring different parts of a circuit turn on in a specific order.
    ✨ Follow-up Questions
    • ⤷ What are the specific Rds(on) values for the M2AS1 series at 4.5V?
    • ⤷ Is there an N-channel equivalent for this specific automotive switch?
    • ⤷ What is the maximum power dissipation (Pd) for the SOT-23 version of this part?