Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-A134-R2

  • AI
    The **M2AS1-A134-R2** is a specialized power relay typically manufactured by automotive electronic component suppliers (often associated with brands like **ZETTLER** or **CHINT**). It is primarily designed for high-current switching applications in automotive environments. --- ### 1. General Specifications The part number breakdown typically refers to its physical structure, coil voltage, and contact arrangement. | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Power Relay | | **Configuration** | 1 Form A (SPST-NO) - Single Pole Single Throw | | **Nominal Coil Voltage** | 12V DC (Standard for automotive) | | **Max Switching Current** | 30A to 40A (Depending on thermal conditions) | | **Mounting Type** | PCB (Printed Circuit Board) Through-Hole | | **Terminal Material** | Silver Tin Oxide (AgSnO2) for arc resistance | --- ### 2. Internal Electronic Structure The device consists of three main electronic/mechanical sections: 1. **The Coil (Input):** * Acts as the electromagnet. When 12V is applied, it creates a magnetic field. * Usually features a resistance of approximately **90Ω to 160Ω**. * Consumes roughly **0.9W to 1.6W** during operation. 2. **The Contacts (Output):** * **Normally Open (NO):** The circuit remains broken until the coil is energized. * Designed to handle high "Inrush" currents (e.g., when a motor starts). 3. **The Housing:** * Plastic PBT (Polybutylene Terephthalate) or equivalent high-temp resin. * Rated for **Sealed (IP67)** or **Flux-tight** protection to prevent contamination during soldering. --- ### 3. Key Electronic Characteristics When integrating this part into a circuit, the following parameters are critical: * **Pick-up Voltage:** Typically ≤ 7.2V DC (the minimum voltage required to close the switch). * **Drop-out Voltage:** Typically ≥ 1.2V DC (the voltage at which the switch releases). * **Dielectric Strength:** Usually 500V AC between open contacts; 500V AC between coil and contacts. * **Contact Resistance:** Initially < 50mΩ to minimize heat loss at high currents. --- ### 4. Common Applications Due to its high current rating and 12V coil, it is found in: * **Automotive Power Accessories:** Power windows, central locking, and seat adjustments. * **Lighting Control:** High-beam/Low-beam switching. * **HVAC Systems:** Blower motor control in vehicles. * **Industrial Automation:** Low-voltage DC motor switching. --- ### 5. Circuit Design Tip ```python # Electronic Protection Recommendation: # When using the M2AS1-A134-R2, always place a # Flyback Diode (e.g., 1N4007) in parallel with the coil # (Cathode to Positive) to prevent Inductive Voltage Spikes # from damaging the driving Transistor/MCU. ```
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the M2AS1-A134-R2?
    • ⤷ Are there equivalent drop-in replacements from Omron or TE Connectivity?
    • ⤷ What is the maximum operating temperature for this relay?