M2AS1-A134-R2SLASHQ
AI

The model identifier **M2AS1-A134-R2/Q** refers to a high-density, automotive-grade multilayer ceramic capacitor (MLCC) or a similar surface-mount component, typically associated with Samsung Electro-Mechanics or similar high-reliability manufacturers.
The part numbering logic follows specific engineering standards for tolerance, voltage, and packaging.
---
### Technical Breakdown of the Part Number
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2AS1** | Series Type | Indicates a specific product family (usually automotive grade or high-reliability). |
| **A134** | Capacitance Value | **134** translates to 130,000 pF (or **130nF / 0.13µF**). The last digit is the multiplier. |
| **R2** | Tolerance / Revision | Often denotes a ±10% or ±20% tolerance or a specific design revision. |
| **Q** | Quality Standard | Refers to **AEC-Q200** qualification, meaning it is tested for automotive stress levels. |
---
### Key Specifications
#### 1. Dielectric Material
These components usually utilize **X7R** or **X8R** ceramics. These materials are chosen for their stability across a wide temperature range (typically -55°C to +125°C or higher), making them ideal for engine control units or safety systems.
#### 2. Automotive Qualification (The "Q" suffix)
The "/Q" suffix is critical. It signifies that the part has undergone rigorous testing:
* **Thermal Shock:** Resistance to extreme temperature swings.
* **Mechanical Stress:** Enhanced resistance to board flexing and vibration.
* **Moisture Resistance:** Protection against high-humidity environments.
#### 3. Footprint (SMD Package)
Based on this series designation, the physical size is commonly **0603** (1.6mm x 0.8mm) or **0805** (2.0mm x 1.25mm), allowing for automated SMT (Surface Mount Technology) assembly.
---
### Typical Applications
Due to its robust construction, this part is found in:
* **ADAS (Advanced Driver Assistance Systems):** Radar and camera modules.
* **Powertrain:** Battery management systems in EVs.
* **Infotainment:** Filtering noise in vehicle head units.
---
### Comparison with Standard Grades
```markdown
| Feature | Commercial Grade | Automotive Grade (Q-Series) |
| :--- | :--- | :--- |
| Failure Rate | Standard | Ultra-low (AEC-Q200) |
| Operating Temp | 0°C to 70°C | -55°C to 125°C+ |
| Termination | Standard Sn | Soft/Flexible Terminations (optional) |
```
- ⤷What is the exact voltage rating for the M2AS1 series?
- ⤷ How does the 'A134' code differ from 'A133' in terms of capacitance?
- ⤷ Are there specific soldering temperature profiles required for this component?